Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments TMS320F Datasheet HTML 32Page - Texas Instruments TMS320F Datasheet HTML 33Page - Texas Instruments TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 389 page
background image
Program Control
2-10
2.5
Program Control
Several hardware and software mechanisms provide program control:
- Program control logic decodes instructions, manages the 4-level pipeline,
stores the status of operations, and decodes conditional operations. Hard-
ware elements included in the program control logic are the program
counter, the status registers, the stack, and the address-generation logic.
- Software mechanisms used for program control include branches, calls,
conditional instructions, a repeat instruction, reset, interrupts, and power-
down modes.
Table 2–1 shows where you can find detailed information about these program
control features.
Table 2–1. Where to Find Information About Program Control Features
For information about
See
Address-generation logic
Chapter 5,
Program Control
Address-generation data memory
Chapter 6,
Addressing Modes
Branches, calls, and returns
Chapter 5,
Program Control
Conditional operations
Chapter 5,
Program Control
Interrupts
Chapter 5,
Program Control
Pipeline
Chapter 5,
Program Control
Program counter
Chapter 5,
Program Control
Repeat instruction
Chapter 5,
Program Control
Reset
Chapter 5,
Program Control
Stack
Chapter 5,
Program Control
Status registers
Chapter 4,
Central Processing Unit
2.6
Serial-Scan Emulation
The ’C24x has seven pins dedicated to the serial scan emulation port (JTAG
port). This port allows for non-intrusive emulation of ’C24x devices, and is sup-
ported by Texas Instruments emulation tools and by many third party debugger
tools. For documentation on these emulation and debugger tools, see
Related
Documentation From Texas Instruments in the preface section of this book,
and
Design Considerations for Using XDS510 Emulator in Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com