Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 88Page - Texas Instruments TMS320F Datasheet HTML 89Page - Texas Instruments TMS320F Datasheet HTML 90Page - Texas Instruments TMS320F Datasheet HTML 91Page - Texas Instruments TMS320F Datasheet HTML 92Page - Texas Instruments TMS320F Datasheet HTML 93Page - Texas Instruments TMS320F Datasheet HTML 94Page - Texas Instruments TMS320F Datasheet HTML 95Page - Texas Instruments TMS320F Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 389 page
background image
Direct Addressing Mode
6-8
In Example 6–5, the ADDC instruction references a data memory address that
is generated as shown following the program code. You should note that if an
instruction does not perform shifts (such as the ADDC instruction), all eight
MSBs of the instruction contain the opcode for the instruction type.
Example 6–5. Using Direct Addressing with ADDC
LDP #500
;Set data page to 500 (addresses FA00h–FA7Fh).
ADDC 6h
;The contents of data address FA06h
;and the value of the carry bit (C) are
;added to the contents of the accumulator.
7 LSBs from IR
16-bit data address FA06h
All 9 bits from DP
DP = 500
Instruction register (IR)
0 0 0 0 1 1 0
1 1 1 1 1 0 1 0 0
0
ADDC opcode
1 1 1 1 1 0 1 0 0
0 0 0 0 1 1 0
6h
0 1 1 0 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com