| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 94 Page - Texas Instruments |
|
94 / 389 page ![]() Indirect Addressing Mode 6-10 - Increment or decrement by an index amount using reverse carry. The value in AR0 is the index amount. After the instruction uses the content of the current auxiliary register as the data-memory address, that content is incremented or decremented by the index amount. The addition and sub- traction process is accomplished with the carry propagation reversed for fast Fourier transforms (FFTs). These four option types provide the seven indirect addressing options listed in Table 6–1. The table also shows the instruction operand that corresponds to each indirect addressing option and gives an example of how each option is used. Table 6–1. Indirect Addressing Operands Operand Option Example * No increment or decrement LT * loads the temporary register (TREG) with the content of the data memory address referenced by the current AR. *+ Increment by 1 LT *+ loads the temporary register (TREG) with the content of the data memory address referenced by the current AR and then adds 1 to the content of the current AR. *– Decrement by 1 LT *– loads the temporary register (TREG) with the content of the data memory address referenced by the current AR and then subtracts 1 from the content of the current AR. *0+ Increment by index amount LT *0+ loads the temporary register (TREG) with the content of the data memory address referenced by the current AR and then adds the content of AR0 to the content of the current AR. *0– Decrement by index amount LT *0– loads the temporary register (TREG) with the content of the data memory address referenced by the current AR and then subtracts the content of AR0 from the content of the current AR. *BR0+ Increment by index amount, adding with reverse carry LT *BR0+ loads the temporary register (TREG) with the con- tent of the data memory address referenced by the current AR and then adds the content of AR0 to the content of the current AR, adding with reverse carry propagation. *BR0– Decrement by index amount, subtracting with reverse carry LT *BR0– loads the temporary register (TREG) with the con- tent of the data memory address referenced by the current AR and then subtracts the content of AR0 from the content of the current AR, subtracting with bit reverse carry propagation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |