Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 72Page - Texas Instruments TMS320F Datasheet HTML 73Page - Texas Instruments TMS320F Datasheet HTML 74Page - Texas Instruments TMS320F Datasheet HTML 75Page - Texas Instruments TMS320F Datasheet HTML 76Page - Texas Instruments TMS320F Datasheet HTML 77Page - Texas Instruments TMS320F Datasheet HTML 78Page - Texas Instruments TMS320F Datasheet HTML 79Page - Texas Instruments TMS320F Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 389 page
background image
Conditional Branches, Calls, and Returns
5-12
The conditional branch instructions are BCND (branch conditionally) and
BANZ (branch if currently selected auxiliary register is not equal to 0). The
BANZ instruction is useful for implementing loops.
5.4.4
Conditional Calls
The conditional call (CC) instruction is executed only when the specified condi-
tion or conditions are met (see Table 5–3 on page 5-10). This allows your pro-
gram to choose among multiple subroutines based on the data being pro-
cessed. If all the conditions are met, the PC is loaded with the second word
of the call instruction, which contains the starting address of the subroutine.
Before branching to the subroutine, the processor stores the address of the
instruction following the call instruction (the return address) to the stack. The
function must end with a return instruction, which takes the return address off
the stack and forces the processor to resume execution of the calling program.
By the time the conditions of the conditional call instruction have been tested,
the two instruction words following the call instruction have already been
fetched in the pipeline. If all the conditions are met, these two instruction words
are flushed from the pipeline so that they are not executed, and then execution
continues at the beginning of the called function. If the conditions are
not met,
the two instructions are executed instead of the call. Because there is a wait
cycle for conditions to become stable, the conditional call takes one more cycle
than the unconditional one.
5.4.5
Conditional Returns
Returns are used in conjunction with calls and interrupts. A call or interrupt
stores a return address to the stack and then transfers program control to a
new location in program memory. The called subroutine or the interrupt service
routine concludes with a return instruction, which pops the return address off
the top of the stack and into the program counter (PC).
The conditional return instruction (RETC) is executed only when one or more
conditions are met (see Table 5–3 on page 5-10). By using the RETC instruc-
tion, you can give a subroutine or interrupt service routine more than one pos-
sible return path. The path chosen then depends on the data being processed.
In addition, you can use a conditional return to avoid conditionally branching
to/around the return instruction at the end of the subroutine or interrupt service
routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com