Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 22Page - Texas Instruments TMS320F Datasheet HTML 23Page - Texas Instruments TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments TMS320F Datasheet HTML 27Page - Texas Instruments TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 389 page
background image
Architecture Summary
2-3
Architectural Overview
Figure 2–1. TMS320C24x DSP Controller Functional Block Diagram
2
4
16
PDPINT
4
4
9
41
7
Quadrature
Encoder
Pulse (QEP)
Capture/
Units
Compare
Timers
Purpose
General-
Manager
Event
Generator
Wait-State
Software
Interface
Memory
External
Emulation
JTAG Test/
Peripheral Bus
Timer
Watchdog
Interface
Communications
Serial-
Interface
Peripheral
Serial-
Converter
to-Digital
Analog-
10–Bit
Data Bus
3
Reset
Digital Input/Output
Interrupts
20
4
Module
System-Interface
Module
Clock
Program Bus
B1/B2
DARAM
B0
DARAM
ROM or Flash
EEPROM†
Initialization
Interrupts
Control
Memory
Controller
Program
CPU
’C2xx
Shifter
Product
PREG
TREG
Multiplier
Shifter
Output
Accumulator
ALU
Shifter
Input
Registers
Mapped
Memory-
Registers
Auxiliary
Registers
Control
Status/
ARAU
Register
Instruction
†’C24x devices contains ROM: ’F24x
devices contains Flash EEPROM.
Watchdog
1
2
CAN
Note: The number of
PWMS/digital I/O, ADC
channels, and peripheral
modules are dependent
upon the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com