Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 10Page - Texas Instruments TMS320F Datasheet HTML 11Page - Texas Instruments TMS320F Datasheet HTML 12Page - Texas Instruments TMS320F Datasheet HTML 13Page - Texas Instruments TMS320F Datasheet HTML 14Page - Texas Instruments TMS320F Datasheet HTML 15Page - Texas Instruments TMS320F Datasheet HTML 16Page - Texas Instruments TMS320F Datasheet HTML 17Page - Texas Instruments TMS320F Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 389 page
background image
Figures
xv
Contents
Figures
1–1.
DSP Product Generation
1-3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1–2.
TMS320 Device Nomenclature
1-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–1.
TMS320C24x DSP Controller Functional Block Diagram
2-3
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2–2.
’C24x Address and Data Bus Structure
2-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2–3.
’C24x ROM Memory Map
2-7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–1.
Generic Memory Maps for ’C24x DSP Controllers
3-3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–2.
Program Memory Map for ’C24x
3-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–3.
Pages of Data Memory
3-6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–4.
GREG Register Set to Configure 8K for Global Data Memory
3-10
. . . . . . . . . . . . . . . . . . . . . .
3–5.
Global and Local Data Memory for GREG = 11100000
3-10
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–6.
I/O-Space Address Map for ’C24x
3-11
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–1.
Block Diagram of the Input Scaling, Central Arithmetic Logic, and
Multiplication Sections of the CPU
4-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2.
Block Diagram of the Input Scaling Section
4-3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–3.
Operation of the Input Shifter for SXM = 0
4-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4.
Operation of the Input Shifter for SXM = 1
4-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–5.
Block Diagram of the Multiplication Section
4-5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6.
Block Diagram of the Central Arithmetic Logic Section
4-8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–7.
Shifting and Storing the High Word of the Accumulator
4-11
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–8.
Shifting and Storing the Low Word of the Accumulator
4-11
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–9.
ARAU and Related Logic
4-12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–10.
Status Register ST0
4-15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–11.
Status Register ST1
4-15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–12.
External Interface Operation for Read-Read-Write (Zero Wait States)
4-18
. . . . . . . . . . . . . . .
4–13.
External Interface Operation for Write-Write-Read (Zero Wait States)
4-20
. . . . . . . . . . . . . . .
4–14.
External Interface Operation for Read-Write (One Wait State)
4-20
. . . . . . . . . . . . . . . . . . . . . .
5–1.
Program-Address Generation Block Diagram
5-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–2.
A Push Operation
5-5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–3.
A Pop Operation
5-6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–4.
Four-Level Pipeline Operation
5-7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–5.
Interrupt Flag Register (IFR) — Address 0006h
5-18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–6.
Interrupt Mask Register (IMR) — Address 0004h
5-20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–1.
Instruction Register Contents for Example 6–1
6-2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–2.
Two Words Loaded Consecutively to the Instruction Register in Example 6–2
6-3
. . . . . . . . .
6–3.
Pages of Data Memory
6-4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–4.
Instruction Register (IR) Contents in Direct Addressing Mode
6-5
. . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com