Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 21Page - Texas Instruments TMS320F Datasheet HTML 22Page - Texas Instruments TMS320F Datasheet HTML 23Page - Texas Instruments TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments TMS320F Datasheet HTML 27Page - Texas Instruments TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 389 page
background image
Architecture Summary
2-2
2.1
Architecture Summary
A functional block diagram of the ’C24x DSP controller architecture is shown
in Figure 2–1 on page 2-3. The ’C24x DSP architecture is based on a modi-
fied Harvard architecture, which supports separate bus structures for program
space and data space. A third space, the input/output (I/O) space, is also avail-
able and is accessible through the
external bus interface. To support a large
selection of peripherals, a peripheral bus is used. The peripheral bus is
mapped to the data space and interfaced to the data bus through a special sys-
tem module. Thus, all the instructions that operate on the data space also op-
erate on all the peripheral registers.
Separate program and data spaces allow simultaneous access to program
instructions and data. For example, while data is multiplied, a previous product
can be added to the accumulator, and at the same time, a new address can
be generated. Such parallelism supports a set of arithmetic, logic, and bit-ma-
nipulation operations that can all be performed in a single machine cycle. The
’C24x also includes control mechanisms to manage interrupts, repeated op-
erations, and function/subroutine calls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com