Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 33Page - Texas Instruments TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 389 page
background image
Program Memory
3-4
3.2
Program Memory
The program-memory space is where the application program code resides;
it can also hold table information and immediate operands. The program-
memory space addresses up to 64K 16-bit words. On the ’C24x device, these
words include on-chip DARAM and on-chip ROM/flash EEPROM. When the
’C24x generates an address outside the set of addresses configured to on-
chip program memory, the device automatically generates an external access,
asserting the appropriate control signals (if an external memory interface is
present). Figure 3–2 shows the ’C24x program memory map.
Figure 3–2. Program Memory Map for ’C24x
0000h
003Fh
0040h
FDFFh
FE00h
FFFF
0000h–0001h
0002h–0003h
0004h–0005h
0006h–0007h
0008h–0009h
000Ah–000Bh
000Ch–000Dh
000Eh–000Fh
0022h–0023h
0024h–0025h
Interrupt vectors and
Flash/ROM
16K/8K words
External
DARAM (B0)
256 words
Reset
Interrupt level 1
Interrupt level 2
Interrupt level 3
Interrupt level 4
Interrupt level 5
Interrupt level 6
TRAP
NMI
(CNF=1)
0010h–0021h
Software interrupts
Software interrupts
0028h–003Fh
Reserved
Reserved
0026h–0027h
reserved addresses
(External if MP/MC = 1)
(External if CNF = 0)
Note:
Flash/ROM memory includes the address range 0000h–003Fh.
3FFF
4000
FEFF
FF00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com