Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 84Page - Texas Instruments TMS320F Datasheet HTML 85Page - Texas Instruments TMS320F Datasheet HTML 86Page - Texas Instruments TMS320F Datasheet HTML 87Page - Texas Instruments TMS320F Datasheet HTML 88Page - Texas Instruments TMS320F Datasheet HTML 89Page - Texas Instruments TMS320F Datasheet HTML 90Page - Texas Instruments TMS320F Datasheet HTML 91Page - Texas Instruments TMS320F Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 389 page
background image
Direct Addressing Mode
6-4
6.2
Direct Addressing Mode
In the direct addressing mode, data memory is addressed in blocks of 128
words called data pages. The entire 64K of data memory consists of 512 data
pages labeled 0 through 511, as shown in Figure 6–3. The current data page
is determined by the value in the 9-bit data page pointer (DP) in status register
ST0. For example, if the DP value is 0 0000 00002, the current data page is
0. If the DP value is 0 0000 00102, the current data page is 2.
Figure 6–3. Pages of Data Memory
1111 1111 1
0000 0000 1
0000 0001 0
0000 0001 0
0000 0000 0
Data Memory
Page 0: 0000h–007Fh
Page 1: 0080h–00FFh
Page 2: 0100h–017Fh
Page 511: FF80h–FFFFh
.
000 0000
Offset
DP Value
0000 0000 0
111 1111
0000 0000 1
1111 1111 1
000 0000
111 1111
000 0000
111 1111
000 0000
111 1111
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
In addition to the data page, the processor must know the particular word being
referenced on that page. This is determined by a 7-bit offset (see Figure 6–3).
The offset is supplied by the seven least significant bits (LSBs) of the IR regis-
ter shown in Figure 6–4,
Instruction Register (IR) Contents in Direct Address-
ing Mode instruction register, on page 6-5, which holds the opcode for the
next instruction to be executed. In direct addressing mode, the contents of the
instruction register has the format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com