Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 51Page - Texas Instruments TMS320F Datasheet HTML 52Page - Texas Instruments TMS320F Datasheet HTML 53Page - Texas Instruments TMS320F Datasheet HTML 54Page - Texas Instruments TMS320F Datasheet HTML 55Page - Texas Instruments TMS320F Datasheet HTML 56Page - Texas Instruments TMS320F Datasheet HTML 57Page - Texas Instruments TMS320F Datasheet HTML 58Page - Texas Instruments TMS320F Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 389 page
background image
Central Arithmetic Logic Section
4-11
Central Processing Unit
4.3.3
Output Data-Scaling Shifter
The output data-scaling shifter (output shifter) has a 32-bit input connected to
the 32-bit output of the accumulator and a 16-bit output connected to the data
bus. The shifter copies all 32 bits of the accumulator and then performs a left
shift on its content; it can be shifted from zero to seven bits, as specified in the
corresponding store instruction. The upper word (SACH instruction) or lower
word (SACL instruction) of the shifter is then stored to data memory. The con-
tent of the accumulator remains unchanged.
When the output shifter performs the shift, the MSBs are lost and the LSBs are
zero filled. Figure 4–7 shows an example in which the accumulator value is
shifted left by four bits and the shifted high word is stored to data memory.
Figure 4–8 shows the same accumulator value shifted left by six bits and the
shifted low word stored.
Figure 4–7. Shifting and Storing the High Word of the Accumulator
Data-memory
location
0 0 F 0
F 0 A 1
0 F 0 F
0 A 1 0
32
Output shifter
(left shift by 4 bits)
Accumulator
16
0 F 0 F
Figure 4–8. Shifting and Storing the Low Word of the Accumulator
Data-memory
location
0 0 F 0
F 0 A 1
3 C 3 C
2 8 4 0
32
Output shifter
(left shift by 6 bits)
Accumulator
16
2 8 4 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com