Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 23Page - Texas Instruments TMS320F Datasheet HTML 24Page - Texas Instruments TMS320F Datasheet HTML 25Page - Texas Instruments TMS320F Datasheet HTML 26Page - Texas Instruments TMS320F Datasheet HTML 27Page - Texas Instruments TMS320F Datasheet HTML 28Page - Texas Instruments TMS320F Datasheet HTML 29Page - Texas Instruments TMS320F Datasheet HTML 30Page - Texas Instruments TMS320F Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 389 page
background image
’C24x CPU Internal Bus Structure
2-4
2.2
’C24x CPU Internal Bus Structure
The ’C24x DSP, a member of the TMS320 family of DSPs, includes a ’C2xx
DSP core designed using the ’2xLP ASIC core. The ’C2xx DSP core has an
internal data and program bus structure that is divided into six 16-bit buses
(see Figure 2–2). The six buses are:
- PAB. The program address bus provides addresses for both reads from
and writes to program memory.
- DRAB. The data-read address bus provides addresses for reads from
data memory.
- DWAB. The data-write address bus provides addresses for writes to data
memory.
- PRDB. The program read bus carries instruction code and immediate op-
erands, as well as table information, from program memory to the CPU.
- DRDB. The data-read bus carries data from data memory to the central
arithmetic logic unit (CALU) and the auxiliary register arithmetic unit
(ARAU).
- DWEB. The data-write bus carries data to both program memory and data
memory.
Having separate address buses for data reads (DRAB) and data writes
(DWAB) allows the CPU to read and write in the same machine cycle.
Figure 2–2. ’C24x Address and Data Bus Structure
B0
DARAM
Flash/
ROM
B1, B2
DARAM
Memory-
mapped
registers
PAB
DRAB
DWAB
PRDB
DRDB
DWEB
Central processing unit (CPU)
External
address bus
External
data bus
System module
External bus
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com