Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments TMS320F Datasheet HTML 43Page - Texas Instruments TMS320F Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 389 page
background image
Data Memory
3-7
Memory and I/O Spaces
3.3.1
Data Page 0 Address Map
The data memory also includes the device’s memory-mapped registers
(MMR), which reside at the top of data page 0 (addresses 0000h–007Fh).
Note the following:
- The three registers that can be accessed with zero wait states are:
J Interrupt mask register (IMR)
J Global memory allocation register (GREG)
J Interrupt flag register (IFR)
- The test/emulation reserved area is used by the test and emulation sys-
tems for special information transfers.
Do Not Write to Test/Emulation Addresses
Writing to the test/emulation addresses can cause the device to
change its operating mode and, therefore, affect the operation of
an application.
- The scratch-pad RAM block (B2) includes 32 words of DARAM that pro-
vide for variable storage without fragmenting the larger RAM blocks,
whether internal or external. This RAM block supports dual-access opera-
tions and can be addressed via any data-memory addressing mode.
Table 3–1 shows the address map of data page 0.
Table 3–1. Data Page 0 Address Map
Address
Name
Description
0000h–0003h
–
Reserved
0004h
IMR
Interrupt mask register
0005h
GREG
Global memory allocation register
0006h
IFR
Interrupt flag register
0023h–0027h
–
Reserved
002Bh–002Fh
–
Reserved for test/emulation
0060h–007Fh
B2
Scratch-pad RAM (DARAM B2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com