Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 83 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 79Page - Texas Instruments TMS320F Datasheet HTML 80Page - Texas Instruments TMS320F Datasheet HTML 81Page - Texas Instruments TMS320F Datasheet HTML 82Page - Texas Instruments TMS320F Datasheet HTML 83Page - Texas Instruments TMS320F Datasheet HTML 84Page - Texas Instruments TMS320F Datasheet HTML 85Page - Texas Instruments TMS320F Datasheet HTML 86Page - Texas Instruments TMS320F Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 389 page
background image
CPU Interrupt Registers
5-19
Program Control
Bit 0
INT1. Interrupt 1 flag. This bit is the flag for interrupts connected to interrupt
level INT1.
0 = No INT1 interrupt is pending.
1 = At least one INT1 interrupt is pending. Write a 1 to this bit to clear it to
0 and clear the interrupt request.
5.7.2
Interrupt Mask Register (IMR)
The IMR is a 16-bit, memory-mapped register located at address 0004h in
data memory space. The IMR contains mask bits for all the maskable interrupt
levels (INT1–INT6). Neither NMI nor RS is included in the IMR; thus, IMR has
no effect on these interrupts.
You can read the IMR to identify masked or unmasked interrupt levels, and you
can write to the IMR to mask or unmask interrupt levels. To unmask an interrupt
level, set its corresponding IMR bit to 1. To mask an interrupt level, set its corre-
sponding IMR bit to 0. When an interrupt is masked, it is not acknowledged,
regardless of the value of the INTM bit. When an interrupt is unmasked, it is
acknowledged if the corresponding IFR bit is 1 and the INTM bit is 0. At reset,
the IMR bits are all set to 0, masking all the maskable interrupts.
The IMR is shown in Figure 5–6,
Interrupt Mask Register (IMR) on page 5-20.
Bit descriptions follow the figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com