Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 36 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 32Page - Texas Instruments TMS320F Datasheet HTML 33Page - Texas Instruments TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 389 page
background image
Overview of Memory and I/O Spaces
3-3
Memory and I/O Spaces
Figure 3–1. Generic Memory Maps for ’C24x DSP Controllers
Reserved/
illegal
Reserved/
illegal
Reserved/
illegal
0000
005F
0060
01FF
02FF
0300
0200
03FF
0400
7000
Peripheral memory-
mapped registers
(system,WD, ADC,
SCI, SPI, CAN, I/O,
interrupts)
73FF
7400
743F
7440
Data
Hex
007F
0080
8000
External
FFFF
7FFF
Memory-mapped
registers/reserved
addresses
On-chip
DARAM B2
On-chip DARAM
(B0)‡ (CNF = 0)
reserved (CNF = 1)
On-chip
DARAM (B1)§
6FFF
Peripheral
memory-mapped
registers
(event manager)
0000
003F
0040
FEFF
FDFF
FE00
Hex
External
On-chip DARAM
(B0)† (CNF = 1)
external (CNF = 0)
Program
FF00
FFFF
Illegal
Interrupt
vectors
Reserved†
(CNF = 1)
external (CNF = 0)
On-chip
Flash/ROM
0000
External
FF0E
I/O
Hex
FFFF
Wait-state generator
control register
(on-chip)
Flash control
mode register
Reserved
FEFF
FF00
FF10
FFFE
FF0F
On-chip FLASH memory, (16K or 8K) if MP/MC = 0
external program memory, if MP/MC = 1
3FFF or 1FFF
4000 or 2000
† When CNF = 1, addresses FE00h–FEFFh and FF00h–FFFFh are mapped to the same physical block (B0) in program-memory
space. For example, a write to FE00h will have the same effect as a write to FF00h. For simplicity, addresses FE00h–FEFFh
are referred to as reserved when CNF = 1.
‡ When CNF = 0, addresses 0100h–01FFh and 0200h–02FFh are mapped to the same physical block (B0) in data-memory
space. For example, a write to 0100h will have the same effect as a write to 0200h. For simplicity, addresses 0100h–01FFh are
referred to as reserved.
§ Addresses 0300h–03FFh and 0400h–04FFh are mapped to the same physical block (B1) in data-memory space. For example,
a write to 0400h has the same effect as a write to 0300h. For simplicity, addresses 0400h–04FFh are referred to as reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com