Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 34Page - Texas Instruments TMS320F Datasheet HTML 35Page - Texas Instruments TMS320F Datasheet HTML 36Page - Texas Instruments TMS320F Datasheet HTML 37Page - Texas Instruments TMS320F Datasheet HTML 38Page - Texas Instruments TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 389 page
background image
Program Memory
3-5
Memory and I/O Spaces
3.2.1
Program Memory Configuration
Depending on which types of memory are included in a particular ’C24x de-
vice, two factors contribute to the configuration of program memory:
- CNF bit. The CNF bit (bit 12) of status register ST1 determines whether
the addresses for DARAM B0 are available for program space:
J CNF = 0. There is no addressable on-chip program DARAM.
J CNF = 1. The 256 words of DARAM B0 are configured for program
use. At reset, any words of program/data DARAM are mapped into lo-
cal data space (CNF = 0).
- MP/MC pin. The level on the MP/MC pin determines whether program
instructions are read from on-chip ROM or flash EEPROM (if available) af-
ter reset:
J MP/MC = 0. The device is configured as a microcomputer. The on-
chip ROM/flash EEPROM is accessible. The device fetches the reset
vector from on-chip memory.
J MP/MC = 1. The device is configured as a microprocessor. The device
fetches the reset vector from external memory.
Regardless of the value of MP/MC, the ’C24x fetches its reset vector at
location 0000h of program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com