Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 70 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 70 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 66Page - Texas Instruments TMS320F Datasheet HTML 67Page - Texas Instruments TMS320F Datasheet HTML 68Page - Texas Instruments TMS320F Datasheet HTML 69Page - Texas Instruments TMS320F Datasheet HTML 70Page - Texas Instruments TMS320F Datasheet HTML 71Page - Texas Instruments TMS320F Datasheet HTML 72Page - Texas Instruments TMS320F Datasheet HTML 73Page - Texas Instruments TMS320F Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 389 page
background image
Program-Address Generation
5-6
Pop operations are the reverse of push operations. A pop operation copies the
value at each level to the next higher level. Any pop after seven sequential
pops yields the value that was originally at the bottom of the stack because,
by then, the bottom value has been copied upward to all of the stack levels.
Figure 5–3 shows a pop operation.
Figure 5–3. A Pop Operation
Before Instruction
After Instruction
Accumulator
Accumulator
or memory
82h
or memory
45h
location
location
45h
16h
16h
7h
Stack
7h
Stack
33h
33h
42h
42h
56h
56h
37h
37h
61h
61h
61h
5.1.3
Microstack (MSTACK)
The program-address generation logic uses the 16-bit-wide, 1-level-deep
MSTACK to store a return address before executing certain instructions.
These instructions use the program-address generation logic to provide a
second address in a 2-operand instruction. These instructions are: BLDD,
BLPD, MAC, MACD, TBLR, and TBLW. When repeated, these instructions
use the PC to increment the first operand address and can use the auxiliary
register arithmetic unit (ARAU) to generate the second operand address.
When these instructions are used, the return address (the address of the next
instruction to be fetched) is pushed onto the MSTACK. Upon completion of the
repeated instruction, the MSTACK value is popped back into the program-ad-
dress generation logic.
The MSTACK operations are not visible to you. Unlike the stack, the MSTACK
can be used only by the program-address generation logic; there are no
instructions that allow you to use the MSTACK for storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com