Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 58Page - Texas Instruments TMS320F Datasheet HTML 59Page - Texas Instruments TMS320F Datasheet HTML 60Page - Texas Instruments TMS320F Datasheet HTML 61Page - Texas Instruments TMS320F Datasheet HTML 62Page - Texas Instruments TMS320F Datasheet HTML 63Page - Texas Instruments TMS320F Datasheet HTML 64Page - Texas Instruments TMS320F Datasheet HTML 65Page - Texas Instruments TMS320F Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 389 page
background image
External Memory Interface Operation
4-18
4.6
External Memory Interface Operation
Some of the ’24x DSP controller devices have an external memory interface.
This section explains the behavior of the ’24x external memory timings based
on the PS, DS, IS, BR, STRB, RD, LR, and R/W signals.
All bus cycles comprise integral numbers of CLKOUT cycles. One CLKOUT
cycle is defined to be from one falling edge of CLKOUT to the next falling edge
of CLKOUT. For full-speed, 0-wait-state operation, reads require one cycle. A
write immediately preceded by a read or immediately followed by a read re-
quires three cycles. (Refer to Figure 4–12 on page 4-18, Figure 4–13 on page
4-20, and Figure 4–14 on page 4-20 for read and write timing cycles.) These
timing models explain CPU and external memory signal behavior during back-
to-back write, without wait state, and with one wait state. External READY tim-
ings in ’C24x devices can be satisfied only if internal wait state is at least one.
Refer to the respective datasheet for specific timing values.
Figure 4–12. External Interface Operation for Read-Read-Write (Zero Wait States)
1-cycle read
1-cycle read
Read
Read
STRB
IS,DS,PS
WE
RD
R/W
DATA
ADDRESS
CLKOUT
3-cycle write
Write data
For read cycles, STRB goes low and ADDRESS becomes valid with the falling
edge of CLKOUT. For 0-wait-state read cycles, the RD{ signal goes low with
the rising edge of CLKOUT and then goes high at the next falling edge of
CLKOUT. For 1-wait-state (multicycle) read cycles, the RD stays low but goes
high with the falling edge of CLKOUT before the next cycle, even if the cycles
are contiguous. Read data is sampled at the rising edge of RD.
† In some devices (F240), the external RD is replaced with an inverted R/W signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com