Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 39Page - Texas Instruments TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments TMS320F Datasheet HTML 43Page - Texas Instruments TMS320F Datasheet HTML 44Page - Texas Instruments TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments TMS320F Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 389 page
background image
Global Data Memory
3-10
As an example of configuring global memory, suppose you want to designate
8K data-memory addresses as global addresses. To do this, you write the 8-bit
value 11100000 to the GREG (see Figure 3–4). This designates addresses
E000h–FFFFh of data memory as global data addresses (see Figure 3–5).
Figure 3–4. GREG Register Set to Configure 8K for Global Data Memory
8 MSBs
8 LSBs
X
X
X
X
X
X
X
X
1
1
1
0
0
0
0
0
(Don’t cares)
Set for 8K of global data memory
Figure 3–5. Global and Local Data Memory for GREG = 11100000
Data memory map
FFFFh
8000h
0000h
Upper 32K
× 16
(local and/or global)
7FFFh
Data memory
GREG = 11100000
Global (8K
× 16)
Local (24K
× 16)
E000h
DFFFh
8000h
FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com