Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 40Page - Texas Instruments TMS320F Datasheet HTML 41Page - Texas Instruments TMS320F Datasheet HTML 42Page - Texas Instruments TMS320F Datasheet HTML 43Page - Texas Instruments TMS320F Datasheet HTML 44Page - Texas Instruments TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments TMS320F Datasheet HTML 47Page - Texas Instruments TMS320F Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 389 page
background image
I/O Space
3-11
Memory and I/O Spaces
3.5
I/O Space
The I/O space memory addresses up to 64K 16-bit words. Figure 3–6 shows
the I/O-space address map for the ’C24x.
Figure 3–6. I/O-Space Address Map for ’C24x
FFFF
FFFE
FF10
FF0F
FF0E
FF00
FEFF
0000
register
generator control
Wait-state
Reserved
mode register
Flash control
Reserved
External
The I/O space is useful for mapping external peripherals and flash control reg-
isters. This I/O space is a generic space available for the ’C24x core. Depend-
ing on the specific device within the ’C24x family, the I/O space is partially avail-
able or disabled. You should refer to the specific data sheet for exact details.
External I/O space is available only in ’24x devices that have an external
memory interface; otherwise, this space is reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com