| Electronic Components Datasheet Search |
|
TMS320F Datasheet(PDF) 61 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F Datasheet(HTML) 61 Page - Texas Instruments |
|
61 / 389 page ![]() Status Registers ST0 and ST1 4-17 Central Processing Unit Table 4–2. Bit Fields of Status Registers ST0 and ST1 (Continued) Name Description OVM Overflow mode bit. OVM determines how overflows in the CALU are handled. The SETC and CLRC instructions set and clear this bit, respectively. An LST instruction can also be used to modify OVM. OVM = 0 Results overflow normally in the accumulator. OVM = 1 The accumulator is set to either its most positive or negative value upon encounter- ing an overflow. (See subsection 4.3.2, Accumulator, on page 4-9.) PM Product shift mode. PM determines the amount that the PREG value is shifted on its way to the CALU or to data memory. Note that the content of the PREG remains unchanged; the value is copied to the product shifter and shifted there. PM is loaded by the SPM and LST instructions. The PM bits are cleared by reset. PM = 00 The multiplier’s 32-bit product is passed to the CALU or to data memory with no shift. PM = 01 The output of the PREG is left shifted one place (with the LSBs zero filled) before being passed to the CALU or to data memory. PM = 10 The output of the PREG is left shifted four bits (with the LSBs zero filled) before being passed to the CALU or to data memory. PM = 11 This mode produces a right shift of six bits, sign extended. SXM Sign-extension mode bit. SXM does not affect the basic operation of certain instructions. For example, the ADDS instruction suppresses sign extension regardless of SXM. This bit is set by the SETC SXM instruction, cleared by the CLRC SXM instruction, and may be loaded by the LST instruction. SXM is set to 1 by reset. SXM = 0 This mode suppresses sign extension. SXM = 1 In this mode, data values that are shifted in the input shifter are sign extended before they are passed to the CALU. TC Test/control flag bit. The TC bit is set to 1 if a bit tested by BIT or BITT is a 1, if a compare condi- tion tested by CMPR exists between the current auxiliary register and AR0, or if the exclusive-OR function of the two MSBs of the accumulator is true when tested by a NORM instruction. The conditional branch, call, and return instructions can execute, based on the condition of the TC bit. The TC bit is affected by the BIT, BITT, CMPR, LST, and NORM instructions. XF XF pin status bit . This bit determines the state of the XF pin, which is a general-purpose output pin. XF is set by the SETC XF instruction and cleared by the CLRC XF instruction. XF can also be modified with an LST instruction. XF is set to 1 by reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |