Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 74Page - Texas Instruments TMS320F Datasheet HTML 75Page - Texas Instruments TMS320F Datasheet HTML 76Page - Texas Instruments TMS320F Datasheet HTML 77Page - Texas Instruments TMS320F Datasheet HTML 78Page - Texas Instruments TMS320F Datasheet HTML 79Page - Texas Instruments TMS320F Datasheet HTML 80Page - Texas Instruments TMS320F Datasheet HTML 81Page - Texas Instruments TMS320F Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 389 page
background image
Repeating a Single Instruction
5-14
5.5
Repeating a Single Instruction
The ’C24x repeat instruction (RPT) allows the execution of a single instruction
N + 1 times, where N is specified as an operand of the RPT instruction. When
RPT is executed, the repeat counter (RPTC) is loaded with N. RPTC is then
decremented every time the repeated instruction is executed, until RPTC
equals 0. RPTC can be used as a 16-bit counter when the count value is read
from a data-memory location; if the count value is specified as a constant oper-
and, it is in an 8-bit counter.
The repeat feature is useful with instructions such as NORM (normalize con-
tents of accumulator), MACD (multiply and accumulate with data move), and
SUBC (conditional subtract). When instructions are repeated, the address and
data buses for program memory are free to fetch a second operand in parallel
with the address and data buses for data memory. This allows instructions
such as MACD and BLPD to effectively execute in a single cycle when
repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com