Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 85Page - Texas Instruments TMS320F Datasheet HTML 86Page - Texas Instruments TMS320F Datasheet HTML 87Page - Texas Instruments TMS320F Datasheet HTML 88Page - Texas Instruments TMS320F Datasheet HTML 89Page - Texas Instruments TMS320F Datasheet HTML 90Page - Texas Instruments TMS320F Datasheet HTML 91Page - Texas Instruments TMS320F Datasheet HTML 92Page - Texas Instruments TMS320F Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 389 page
background image
Direct Addressing Mode
6-5
Addressing Modes
Figure 6–4. Instruction Register (IR) Contents in Direct Addressing Mode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
7 LSBs
0
8 MSBs
8 MSBs
Bits 15 through 8 indicate the instruction type (for example,
ADD) and also contain any information regarding a shift of
the data value to be accessed by the instruction.
0
Direct/indirect indicator. Bit 7 contains a 0 to define the ad-
dressing mode as direct.
7 LSBs
Bits 6 through 0 indicate the offset for the data-memory ad-
dress referenced by the instruction.
To form a complete 16-bit address, the processor concatenates the DP value
and the seven LSBs of the instruction register, as shown in Figure 6–5. The
DP supplies the nine most significant bits (MSBs) of the address (the page
number), and the seven LSBs of the instruction register supply the seven LSBs
of the address (the offset). For example, to access data address 003Fh, you
specify data page 0 (DP = 0000 0000 0) and an offset of 011 1111. Concatenat-
ing the DP and the offset produces the 16-bit address 0000 0000 0011 1111,
which is 003Fh or decimal 63.
Figure 6–5. Generation of Data Addresses in Direct Addressing Mode
7 LSBs from IR
16-bit data-memory address
All 9 bits from DP
Data page pointer (DP)
Page (9 MSBs)
Offset (7 LSBs)
Instruction register (IR)
8 MSBs
7 LSBs
9 bits
0
Initialize the DP in All Programs
It is critical that all programs initialize the DP. The DP is not
initialized by reset and is undefined after power up. The ’C24x
development tools use default values for many parameters,
including the DP. However, programs that do not explicitly initialize
the DP can execute improperly, depending on whether they are
executed on a ’C24x device or with a development tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com