Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 96 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 96 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 92Page - Texas Instruments TMS320F Datasheet HTML 93Page - Texas Instruments TMS320F Datasheet HTML 94Page - Texas Instruments TMS320F Datasheet HTML 95Page - Texas Instruments TMS320F Datasheet HTML 96Page - Texas Instruments TMS320F Datasheet HTML 97Page - Texas Instruments TMS320F Datasheet HTML 98Page - Texas Instruments TMS320F Datasheet HTML 99Page - Texas Instruments TMS320F Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 389 page
background image
Indirect Addressing Mode
6-12
6.3.4
Indirect Addressing Opcode Format
Figure 6–6 shows the format of the instruction word loaded into the instruction
register when you use indirect addressing. The opcode fields are described
following Figure 6–6.
Figure 6–6. Instruction Register Content in Indirect Addressing
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
NAR
N
ARU
1
8 MSBs
8 MSBs
Bits 15 through 8 indicate the instruction type (for example,
LT) and also contain any information regarding data shifts.
1
Direct/indirect indicator. Bit 7 contains a 1 to define the ad-
dressing mode as indirect.
ARU
Auxiliary register update code. Bits 6 through 4 determine
whether and how the current auxiliary register is increm-
ented or decremented. See Table 6–2 below.
N
Next auxiliary register indicator. Bit 3 specifies whether
the instruction changes the ARP value.
N = 0
The content of the ARP remains unchanged.
N = 1
The content of NAR is loaded into the ARP, and
the old ARP value is loaded into the auxiliary
register buffer (ARB) of status register ST1.
NAR
Next auxiliary register value. Bits 2 through 0 contain the
value of the next auxiliary register. NAR is loaded into the
ARP if N = 1.
Table 6–2. Effects of the ARU Code on the Current Auxiliary Register
ARU Code
6
5
4
Arithmetic Operation Performed on Current AR
0
0
0
No operation on current AR
0
0
1
Current AR – 1
→ current AR
0
1
0
Current AR + 1
→ current AR
0
1
1
Reserved
1
0
0
Current AR – AR0
→ current AR [reverse carry propagation]
1
0
1
Current AR – AR0
→ current AR
1
1
0
Current AR + AR0
→ current AR
1
1
1
Current AR + AR0
→ current AR [reverse carry propagation]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com