Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 43Page - Texas Instruments TMS320F Datasheet HTML 44Page - Texas Instruments TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments TMS320F Datasheet HTML 47Page - Texas Instruments TMS320F Datasheet HTML 48Page - Texas Instruments TMS320F Datasheet HTML 49Page - Texas Instruments TMS320F Datasheet HTML 50Page - Texas Instruments TMS320F Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 389 page
background image
Input Scaling Section
4-3
Central Processing Unit
4.1
Input Scaling Section
A 32-bit input data-scaling shifter (input shifter) aligns the 16-bit value from
memory to the 32-bit central arithmetic logic unit (CALU). This data alignment
is necessary for data-scaling arithmetic, as well as aligning masks for logical
operations. The input shifter operates as part of the data path between pro-
gram or data space and the CALU; and therefore, requires no cycle overhead.
Described below are the input, output, and shift count of the input shifter.
Figure 4–2,
Block Diagram of the Input Scaling Section, can be used as a ref-
erence throughout the discussion.
Figure 4–2. Block Diagram of the Input Scaling Section
Input shifter (32 bits)
16
32
16
MUX
31
0
16 15
Input scaling
section
16
From data memory (DRDB)
From program memory (PRDB)
To CALU
Input. Bits 15 through 0 of the input shifter accept a 16-bit input from either of
two sources (see Figure 4–2):
- The data read bus (DRDB). This input is a value from a data memory loca-
tion referenced in an instruction operand.
- The program read bus (PRDB). This input is a constant value given as an
instruction operand.
Output. After a value has been accepted into bits 15 through 0, the input shifter
aligns the16-bit value to the 32-bit bus of the CALU as shown in Figure 4–2.
The shifter shifts the value left 0 to 16 bits and then sends the 32-bit result to
the CALU.
During the left shift, unused LSBs in the shifter are filled with 0s, and unused
MSBs in the shifter are either filled with 0s or sign extended, depending on the
value of the sign-extension mode bit (SXM) of status register ST1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com