Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 44Page - Texas Instruments TMS320F Datasheet HTML 45Page - Texas Instruments TMS320F Datasheet HTML 46Page - Texas Instruments TMS320F Datasheet HTML 47Page - Texas Instruments TMS320F Datasheet HTML 48Page - Texas Instruments TMS320F Datasheet HTML 49Page - Texas Instruments TMS320F Datasheet HTML 50Page - Texas Instruments TMS320F Datasheet HTML 51Page - Texas Instruments TMS320F Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 389 page
background image
Input Scaling Section
4-4
Shift count. The shifter can left shift a 16-bit value by 0 to 16 bits. The size
of the shift (or the shift count) is obtained from one of two sources:
- A constant embedded in the instruction word. Putting the shift count in the
instruction word allows you to use specific data-scaling or alignment op-
erations customized for your program code.
- The four LSBs of the temporary register (TREG). The TREG-based shift
allows the data-scaling factor to be determined dynamically so that it can
be adapted to the system’s performance.
Sign-extension mode bit. For many (but not all) instructions, the sign-exten-
sion mode bit (SXM), bit 10 of status register ST1, determines whether the
CALU uses sign extension during its calculations. If SXM = 0, sign extension
is suppressed. If SXM = 1, the output of the input shifter is sign extended.
Figure 4–3 shows an example of an input value shifted left by eight bits for
SXM = 0. The MSBs of the value passed to the CALU are zero filled.
Figure 4–4 shows the same shift but with SXM = 1. The value is sign extended
during the shift.
Figure 4–3. Operation of the Input Shifter for SXM = 0
Output value
after left shift of 8
(SXM = 0)
X X X X
A F 1 1
16
Input shifter
accepting the
value
32
0 0 A F
1 1 0 0
A F 1 1
Figure 4–4. Operation of the Input Shifter for SXM = 1
Output value
after left shift of 8
(SXM = 1)
X X X X
A F 1 1
Input shifter
accepting the
value
32
F F A F
1 1 0 0
A F 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com