Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 146 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 146 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 142Page - Texas Instruments TMS320F Datasheet HTML 143Page - Texas Instruments TMS320F Datasheet HTML 144Page - Texas Instruments TMS320F Datasheet HTML 145Page - Texas Instruments TMS320F Datasheet HTML 146Page - Texas Instruments TMS320F Datasheet HTML 147Page - Texas Instruments TMS320F Datasheet HTML 148Page - Texas Instruments TMS320F Datasheet HTML 149Page - Texas Instruments TMS320F Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 389 page
background image
BITT
Test Bit Specified by TREG
7-46
Syntax
BITT
dma
Direct addressing
BITT
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
BITT
dma
15
14
13
12
11
10
987
6543
210
0
1
1
0
1
1
1
1
0
dma
BITT
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
1
1
0
1
1
1
1
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
Increment PC, then ...
(data bit number (15 –TREG(3:0)))
→ TC
Status Bits
Affects
TC
Description
The BITT instruction copies the specified bit of the data-memory value to the
TC bit of status register ST1. Note that the BITT, CMPR, LST #1, and NORM
instructions also affect the TC bit in status register ST1. The bit number is spe-
cified by a bit code value contained in the four LSBs of the TREG, as shown
in Figure 7–2.
Figure 7–2. Bit Numbers and Their Corresponding Bit Codes for BITT Instruction
Bit code (in 4 LSBs of
TREG)
01
2345
6789
10
11
12
13
14
15
Bit number
15
14
13
12
11
10
9876
5432
10
MSB
Data-memory value
LSB
Words
1
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com