Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 187 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 187 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 183Page - Texas Instruments TMS320F Datasheet HTML 184Page - Texas Instruments TMS320F Datasheet HTML 185Page - Texas Instruments TMS320F Datasheet HTML 186Page - Texas Instruments TMS320F Datasheet HTML 187Page - Texas Instruments TMS320F Datasheet HTML 188Page - Texas Instruments TMS320F Datasheet HTML 189Page - Texas Instruments TMS320F Datasheet HTML 190Page - Texas Instruments TMS320F Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 389 page
background image
Load Status Register
LST
7-87
Assembly Language Instructions
Figure 7–4. LST #1 Operation
15
14
13
12
11
10
9
8765
43210
ST0
ARP
OV
OVM
1
INTM
DP
↑
↑
↑
15
14
13
12
11
10
9
8765
43210
Data
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
15
14
13
12
11
10
9
8765
43210
ST1
ARB
CNF
TC
SXM
C
1
1
1
1
XF
1
1
PM
Status Bits
Affects
ARB, ARP, OV, OVM, DP, CNF, TC, SXM, C, XF, and PM
This instruction does not affect INTM.
Description
The specified status register (ST0 or ST1) is loaded with the addressed data-
memory value. Note the following points:
- The LST #0 operation does not affect the ARB field in the ST1 register,
even though a new ARP is loaded.
- During the LST #1 operation, the value loaded into ARB is also loaded into
ARP.
- If a next AR value is specified as an operand in the indirect addressing
mode, this operand is ignored. ARP is loaded with the three MSBs of the
value contained in the addressed data-memory location.
- Reserved bit values in the status registers are always read as 1s. Writes
to these bits have no effect.
The LST instruction can be used for restoring the status registers after subrou-
tine calls and interrupts.
Words
1
Cycles for a Single LST Instruction
Program
Operand
ROM
DARAM
SARAM
External
DARAM
2
2
2
2+pcode
SARAM
2
2
2, 3†
2+pcode
External
2+dsrc
2+dsrc
2+dsrc
3+dsrc+pcode
† If the operand and the code are in the same SARAM block
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com