Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 266 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 266 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 262Page - Texas Instruments TMS320F Datasheet HTML 263Page - Texas Instruments TMS320F Datasheet HTML 264Page - Texas Instruments TMS320F Datasheet HTML 265Page - Texas Instruments TMS320F Datasheet HTML 266Page - Texas Instruments TMS320F Datasheet HTML 267Page - Texas Instruments TMS320F Datasheet HTML 268Page - Texas Instruments TMS320F Datasheet HTML 269Page - Texas Instruments TMS320F Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 389 page
background image
SPM
Set PREG Output Shift Mode
7-166
Syntax
SPM
constant
Operands
constant:
Value from 0 to 3 that determines the product shift mode
Opcode
constant
0
0
0
0
0
0
1
1
1
1
1
1
0
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Execution
Increment PC, then ...
constant
→ product shift mode (PM) bits
Status Bits
Affects
PM
This instruction is not affected by SXM.
Description
The two LSBs of the instruction word are copied into the product shift mode
(PM) bits of status register ST1 (bits 1 and 0 of ST1). The PM bits control the
mode of the shifter at the output of the PREG. This shifter can shift the PREG
output either one or four bits to the left or six bits to the right. The possible PM
bit combinations and their meanings are shown in Table 7–8. When an instruc-
tion accesses the PREG value, the value first passes through the shifter,
where it is shifted by the specified amount.
Table 7–8. Product Shift Modes
PM Field
Specified Product Shift
00
No shift of PREG output
01
PREG output to be left shifted 1 place
10
PREG output to be left shifted 4 places
11
PREG output to be right shifted 6 places and sign extended
The left shifts allow the product to be justified for fractional arithmetic. The
right-shift-by-six mode allows up to 128 multiply accumulate processes with-
out the possibility of overflow occurring. PM may also be loaded by an LST #1
instruction.
Words
1
Cycles for a Single SPM Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Example
SPM
3
;Product register shift mode 3 (PM = 11)
;is selected causing all subsequent
;transfers from the product register (PREG)
;to be shifted to the right six places.
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com