Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 279 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 279 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 275Page - Texas Instruments TMS320F Datasheet HTML 276Page - Texas Instruments TMS320F Datasheet HTML 277Page - Texas Instruments TMS320F Datasheet HTML 278Page - Texas Instruments TMS320F Datasheet HTML 279Page - Texas Instruments TMS320F Datasheet HTML 280Page - Texas Instruments TMS320F Datasheet HTML 281Page - Texas Instruments TMS320F Datasheet HTML 282Page - Texas Instruments TMS320F Datasheet HTML 283Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 389 page
background image
Conditional Subtract
SUBC
7-179
Assembly Language Instructions
Syntax
SUBC
dma
Direct addressing
SUBC
ind [, ARn]
Indirect addressing
Operands
dma:
7 LSBs of the data-memory address
n:
Value from 0 to 7 designating the next auxiliary register
ind:
Select one of the following seven options:
*
*+
*–
*0+
*0–
*BR0+
*BR0–
SUBC
dma
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
0
1
0
0
dma
SUBC
ind [, ARn]
15
14
13
12
11
10
987
6543
210
0
0
0
0
1
0
1
0
1
ARU
N
NAR
Note:
ARU, N, and NAR are defined in section 6.3,
Indirect Addressing Mode (page 6-9).
Execution
For (ACC)
≥ 0 and (data-memory address) ≥ 0:
Increment PC, then ...
(ACC) – [(data-memory address)
× 215] → ALU output
If ALU output
≥ 0
Then (ALU output)
× 2 + 1 → ACC
Else (ACC)
× 2 → ACC
Status Bits
Affects
OV and C
Description
The SUBC instruction performs conditional subtraction, which can be used for
division as follows: Place a positive 16-bit dividend in the low accumulator and
clear the high accumulator. Place a 16-bit positive divisor in data memory.
Execute SUBC 16 times. After completion of the last SUBC, the quotient of the
division is in the lower-order 16 bits of the accumulator, and the remainder is
in the higher-order 16 bits of the accumulator. For negative accumulator and/or
data-memory values, SUBC cannot be used for division.
If the 16-bit dividend contains fewer than 16 significant bits, the dividend may
be placed in the accumulator and left shifted by the number of leading nonsig-
nificant 0s. The number of executions of SUBC is reduced from 16 by that num-
ber. One leading 0 is always significant.
SUBC operations performed as stated above are not affected by the sign-ex-
tension mode bit (SXM).
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com