Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 120 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 120 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 116Page - VIA Technologies, Inc. VT8235 Datasheet HTML 117Page - VIA Technologies, Inc. VT8235 Datasheet HTML 118Page - VIA Technologies, Inc. VT8235 Datasheet HTML 119Page - VIA Technologies, Inc. VT8235 Datasheet HTML 120Page - VIA Technologies, Inc. VT8235 Datasheet HTML 121Page - VIA Technologies, Inc. VT8235 Datasheet HTML 122Page - VIA Technologies, Inc. VT8235 Datasheet HTML 123Page - VIA Technologies, Inc. VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-114-
Device 17 Function 6 Modem Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 42 – Function Enable ............................................. RO
This register is controlled through function 5 but may be read
from function 6.
7-6
Reserved
........................................ always reads 0
5
Function 5 Config Reg Rx2C Writable ............. RO
0
Device 17 Function 5 Rx2C-2F RO ...... default
1
Device 17 Function 5 Rx2C-2F RW
4-0
Reserved
........................................ always reads 0
Offset 44 – MC97 Interface Control ................................RW
7
AC-Link Interface for Slot-5 (Modem)
0
Disable .................................................. default
1
Enable
6
Secondary Codec Support
0
Disable .................................................. default
1
Enable
5
Function 6 Config Reg Rx9-B Writable
0
Device 17 Function 6 Rx9-B RO .......... default
1
Device 17 Function 6 Rx9-B RW
4
Function 6 Config Reg 2Ch Writable
0
Device 17 Function 6 Rx2C-2F RO ...... default
1
Device 17 Function 6 Rx2C-2F RW
3
Sync
This bit reports whether there is activity in function 6
(modem). When function 5 (audio) enters low-power
state and wants to gate bit-clock, software needs to
check this bit to see whether bit-clock can actually be
gated, as function 6 shares the same bit-clock.
0
Function 6 activity in progress that requires
bit-clock
1
Function 6 does not need bit-clock so bit-clock
can be gated
2-0
Reserved
........................................ always reads 0
Offset 48 – Volume Change Rate Control ....................... RO
This register is controlled through function 5 but may be read
from function 6.
7-4
Volume Change Rate........................................... RO
This field controls the volume change rate in the
sample rate converter
0000 Volume Adjust Every Frame (sync cycle)... def
…
1111 Volume Adjust Every 16 Frames (sync cycles)
3
Sync
......................................................... RO
This bit reports whether there is activity in function 5
(audio). When function 6 (modem) enters low-power
state and wants to gate bit-clock, software needs to
check this bit to see whether bit-clock can actually be
gated, as function 5 shares the same bit-clock.
0
Function 5 activity in progress that requires
bit-clock
1
Function 5 does not need bit-clock so bit-clock
can be gated
2-0
Reserved
........................................................ RW
Offset 49 – S/PDIF Control ............................................... RO
This register is controlled through function 5 but may be read
from function 6.
7-4
Reserved
......................................................... RO
3
DX3 (DirectSound) Channel S/PDIF Support .. RO
This bit controls whether DirectSound Channel 3 is
used as S/PDIF support
0
Disable ................................................... default
1
Enable
2
Reserved
......................................................... RO
1-0
S/PDIF Data Slot Select....................................... RO
00 Slot 10/11............................................... default
01 Slot 3/4
10 Slot 7/8
11 Slot 6/9
Offset D3-D0 – Power Mgmt Capability.......................... RO
31-0 Power Mgmt Capability
....always reads 0002 0001h
Offset D7-D4 – Power State ............................................. RW
31-2 Reserved
........................................always reads 0
1-0
Power State (D3 / D0 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com