Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 121 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 121 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 117Page - VIA Technologies, Inc. VT8235 Datasheet HTML 118Page - VIA Technologies, Inc. VT8235 Datasheet HTML 119Page - VIA Technologies, Inc. VT8235 Datasheet HTML 120Page - VIA Technologies, Inc. VT8235 Datasheet HTML 121Page - VIA Technologies, Inc. VT8235 Datasheet HTML 122Page - VIA Technologies, Inc. VT8235 Datasheet HTML 123Page - VIA Technologies, Inc. VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-115-
Device 17 Function 6 Modem Controller Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Base 0 Regs – Modem Scatter / Gather DMA
Modem SGD Read Channel Registers
I/O Offset 40 – Modem SGD Read Channel Status.....RWC
7
SGD Active ......................................................... RO
0
SGD has completed or been terminated default
1
SGD Active
6
SGD Paused ......................................................... RO
0
SGD not paused..................................... default
1
SGD Paused
5-4
Reserved
........................................ always reads 0
3
SGD Trigger Queued .......................................... RO
This bit reports whether the trigger used to restart the
SGD operation is queued (I/O Offset 41[1] = 1 while
the SGD engine is running).
0
SGD trigger not queued......................... default
1
SGD trigger queued (when SGD reaches EOL,
it will restart).
2
SGD Stop Interrupt Status..............................RWC
1
SGD finished the index equal to the stop index
set in 4B-48[31-24].
1
SGD EOL (End Of Link).................................RWC
1
Block is the last of the link. May be used by
software as a signal to generate an interrupt
request if I/O Offset 41[1] = 1.
0
SGD Flag
......................................................RWC
1
Block complete. May be used by software as a
signal to generate an interrupt request if I/O
Offset 41[0] = 1.
I/O Offset 41 – Modem SGD Read Channel Control .....RW
7
SGD Start
............................ WO (always reads 0)
0
No effect
1
Start SGD read channel operation
6
SGD Terminate ...................... WO (always reads 0)
0
No effect
1
Terminate SGD read channel operation
5-4
Test (Do Not Program)
.......................always write 0
3
SGD Pause .........................................................RW
0
Release SGD read channel pause and resume
the transfer from the paused line
1
Pause SGD read channel operation (SGD read
channel pointer stays at the current address)
2-0
Reserved
........................................ always reads 0
I/O Offset 42 – Modem SGD Read Channel Type ......... RW
7
Auto-Start SGD at EOL
0
Stop at EOL ........................................... default
1
Auto restart at EOL
6-4
Reserved
........................................always reads 0
3-2
Interrupt Select
This bit determines the timing of interrupt generation
when bit-1 or bit-0 of this register are equal to 1.
00 Interrupt at PCI Read of Last Line......... default
01 Interrupt at Last Sample Sent
10 Interrupt at Less Than One Line to Send
11 -reserved-
1
Interrupt on EOL @ End of Block
0
Disable ................................................... default
1
Enable
0
Interrupt on FLAG @ End-of-Blk
0
Disable ................................................... default
1
Enable
I/O Offset 47-44 – Modem SGD R Ch Table Ptr Base... RW
31-0 SGD Table Pointer Base Address (even addr) .... W
Current Pointer Address ....................................... R
I/O Offset 4F-4C – Modem SGD R Ch Current Count .. RO
31-24 Current Modem SGD Read Channel Index
This field reports the index the SGD engine is
currently processing.
23-0 Current Modem SGD Read Channel Count
This field reports the count remaining in the current
entry being processed. For example, if 10 bytes of a
30-byte count have been transferred, this field would
read 20 to indicate 20 bytes remaining.
Modem SGD Table Format
63
62
61
60-56
55-32
31-0
EOL FLAG STOP
-reserved-
Base
Base
Count
Address
[23:0]
[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com