Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 125 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 125 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 121Page - VIA Technologies, Inc. VT8235 Datasheet HTML 122Page - VIA Technologies, Inc. VT8235 Datasheet HTML 123Page - VIA Technologies, Inc. VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-119-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 43-42 – Power Mgmt Configuration (0002h) ....... RO
15-11 Power State In Which LAN Can Assert PME#
......
.............................................. default = 0
1xxxx PME# can be asserted from D3C
x1xxx PME# can be asserted from D3H
xx1xx PME# can be asserted from D2
xxx1x PME# can be asserted from D1
xxxx1 PME# can be asserted from D0
10
D2 PM State
0
Not Supported ....................................... default
1
Supported
9
D1 PM State
0
Not Supported ....................................... default
1
Supported
8-6
PCI 3.3V Auxiliary Current Requirements
............
........................................ always reads 0
5
Device-Specific Initialization
............. always reads 0
4
Reserved
........................................ always reads 0
3
PME# Operation Uses PCI Clock
0
No PCI clock req’d for PME# generation ... def
1
PME# generated using PCI clock
2-0
Power Management Interface Revision
. reads 010b
Readback of 010b indicates compliance with revision
1.1 of the power mangement interface specification
Offset 47-44 – Power Management Control / Status... RWC
31-0 Control / Status
........................default = 0000 0000h
(see Power Management Specification 1.0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com