Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 127 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 127 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 123Page - VIA Technologies, Inc. VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-121-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 08 – Command 0 (00h)...........................................RW
7
Reserved
........................................ always reads 0
6
Receive Poll Demand
............................... default = 0
If this bit is set to 1, the Receive Descriptor (RD) will
be polled once (this bit will be cleared by hardware
after the polling is complete)
5
Transmit Poll Demand
............................. default = 0
If this bit is set to 1, the Transmit Descriptor (TD)
will be polled once (this bit will be cleared by
hardware after the polling is complete)
4
Transmit Process
0
Transmit engine disabled....................... default
1
Transmit engine enabled (transmit may occur)
3
Receive Process
0
Receive disabled.................................... default
1
Receive enabled
2
Stop NIC
0
NIC enabled .......................................... default
1
NIC disabled (transmit/receive cannot occur)
1
Start NIC
0
No command entered ............................ default
1
Start the NIC
0
Begin Initialization Process
..................... default = 0
If this bit is set to 1, the Receive Descriptor (RD) will
be polled once (this bit functions like bit-6 but for
legacy systems)
Offset 09 – Command 1 (00h) .......................................... RW
7
Software Reset
0
No reset.................................................. default
1
Reset the MAC
6
Receive Poll Demand 1
.............................default = 0
This bit functions the same as Rx8[6]. The function
can be enabled by setting either bit (for backward
compatibility).
5
Transmit Poll Demand 1
..........................default = 0
This bit functions the same as Rx8[5]. The function
can be enabled by setting either bit (for backward
compatibility).
4
Reserved
........................................always reads 0
3
TD / RD Auto Polling
0
Enable (polling interval is determined by
Rx6F[2:0] ) ............................................ default
1
Disable
2
Full Duplex
0
Set MAC to half duplex mode ............... default
1
Set MAC to full duplex mode
1
Reserved
........................................always reads 0
0
Early Receive Mode
0
Disable (interrupt is generated after a packet
has been completely received) ............... default
1
Enable (interrupt is generated as soon as
packet reception has started)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com