Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 130 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 130 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. VT8235 Datasheet HTML 134Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-124-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 43-40 – Transmit Status (0000 0000h)..................RW
31
Descriptor Owner
0
Descriptor Owned By Host (NIC cannot
access descriptor)
1
Descriptor Owned by NIC (NIC can access
descriptor)
This bit has no default so must be set by the driver at
initialization.
30-16 Reserved
........................................ always reads 0
15
Transmit Error
................................. RO, default = 0
0
Transmit Successful .............................. default
1
Excessive Collisions During Transmit Attempt
14
Reserved
........................................ always reads 0
13
System Error
.................................... RO, default = 0
12
Invalid TD Format or Structure or TD Overflow
...................................... RO, default = 0
11
Transmit Data FIFO Underflow
........... RO, def = 0
10
Carrier Sense Lost During Transmit
... RO, def = 0
9
Out of Window Collision
....................... RO, def = 0
(collision outside initial 64 bytes)
8
Transmit Abort (Excessive Collisions)
. RO, def = 0
7
CD Heartbeat Issued
(10BaseT Only) ... RO, def = 0
6-5
Reserved
........................................ always reads 0
4
Collision Detected During Transmit
..... RO, def = 0
3-0
Collision Retry Count
............................ RO, def = 0
Offset 47-44 – Tx Data Buffer Control (0000 0000h)...... RO
31-24 Reserved
........................................always reads 0
23
Send-Complete Interrupt
0
Interrupt not generated........................... default
1
Interrupt generated after send complete
22
End of Transmit Packet
For packets too large to fit into a single transmit
descriptor and thus occupy multiple TD’s, this bit
reports whether this TD is the End TD.
0
This TD is not the End TD .................... default
1
This TD is the End TD
21
Start of Transmit Packet
For packets too large to fit into a single transmit
descriptor and thus occupy multiple TD’s, this bit
reports whether this TD is the Start TD.
0
This TD is not the Start TD ................... default
1
This TD is the Start TD
20-17 Reserved
........................................always reads 0
16
Disable CRC Generation
.........................default = 0
15
Chain Buffer
.............................................default = 0
14-11 Reserved
........................................always reads 0
10-0 Tx Data Buffer Size
..................................default = 0
The transmit data buffer size for this descriptor. The
total byte count of the entire frame will be stored in
the last descriptor.
Offset 4B-48 – Tx Data Buffer Start Address.................. RO
31-0 Tx Data Buffer Start Address
Offset 4F-4C – Tx Data Buffer Branch Address ............. RO
31-4 Tx Data Buffer Branch Address
3-1
Reserved
........................................always reads 0
0
Tx Interrupt Enable
0
Issue interrupt for this packet................. default
1
No interrupt generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com