Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 133 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 133 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. VT8235 Datasheet HTML 134Page - VIA Technologies, Inc. VT8235 Datasheet HTML 135Page - VIA Technologies, Inc. VT8235 Datasheet HTML 136Page - VIA Technologies, Inc. VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-127-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 79 – Configuration 1 (00h).....................................RW
7
Transmit Frame Queueing
0
Enable (frames from the PCI bus can be
queued in the transmit FIFO – a maximum of
2 packets may be queued) ..................... default
1
Disable
6
Data Parity Generation and Checking
This bit controls whether PCI parity is enabled.
0
Enable.................................................... default
1
Disable
5
Memory-Read-Line Supported
This bit controls whether PCI Memory-Read-Line is
supported.
0
Enable.................................................... default
1
Disable
4
Transmit FIFO DMA Interleaved to Receiving
FIFO DMA After 32 DW Transaction
This bit controls whether during a transmit, priority
can be given to a receive transaction.
0
Disable .................................................. default
1
Enable (during a transmit, if a receive request
is seen, the transmit is paused after 32 DW’s
and priority is given to the receive)
3
Receive FIFO DMA Interleaved to Transmitting
FIFO DMA After 32 DW Transaction
This bit controls whether during a receive, priority
can be given to a transmit transaction.
0
Disable .................................................. default
1
Enable (during a receive, if a transmit request
is seen, the receive is paused after 32 DW’s
and priority is given to the transmit)
2
Memory Read Wait States
(for ISA only)
0
None .................................................... default
1
Insert one wait state 2222
1
Memory Write Wait States s
(for ISA only)
0
None .................................................... default
1
Insert one wait state 2222
0
Latency Timer
This bit controls whether PCI Delayed Transactions
are enabled.
0
Disable .................................................. default
1
Enable
Offset 7A – Configuration 2 (00h) ................................... RW
7
Reserved
........................................always reads 0
6
Unused BootROM Address MA
This bit controls whether unused BootROM memory
address bits are tied high.
0
Not tied high .......................................... default
1
Tied high
5
Delayed Transactions for BootROM Memory
Read
This bit controls whether PCI delayed transactions
are enabled.
0
Disable ................................................... default
1
Enable
4-0
Reserved
........................................always reads 0
Offset 7B – Configuration 3 (00h) ................................... RW
7
Memory Mapped I/O Access
0
Disable ................................................... default
1
Enable
6-4
Reserved (Do Not Program)
....................default = 0
3
Backoff Algorithm
0
Fixed .................................................... default
1
Random
2
DEC Capture Effect Solution
0
Disable ................................................... default
1
Enable
1
AMD Capture Effect Solution
0
Disable ................................................... default
1
Enable
0
Backoff Algorithm Optional
0
Disable ................................................... default
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com