Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 136 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 136 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. VT8235 Datasheet HTML 134Page - VIA Technologies, Inc. VT8235 Datasheet HTML 135Page - VIA Technologies, Inc. VT8235 Datasheet HTML 136Page - VIA Technologies, Inc. VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. VT8235 Datasheet HTML 140Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-130-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 95-94 – Suspend Mode MII Address (0000h).......RW
15-0 MII Address During Suspend
................. default = 0
Functionally, this field is the same as Rx71[4:0].
However, during suspend state this field is used
because Rx71[4:0] cannot be accessed.
Offset 96 – Suspend Mode PHY Address (00h) ..............RW
7-0
PHY Address During Suspend
................ default = 0
This field stores the address of the PHY to access
during suspend state.
This field selects the PHY
while Rx95-94 selects the specific register within the
PHY.
Offset 99-98 – Pause Timer (0000h) ................................ RW
7-0
Pause Timer Value
.........................................def = 0
This field is used for full duplex flow control. When
the Receive FIFO is nearly full, The transmitter can
send a pause frame to the transmitting side (generally
a switch) to request a pause. The length of pause
time is determined by this field.
Offset 9A – Pause Status (00h)......................................... RW
7-1
Reserved
........................................always reads 0
0
Pause Status
0
Not paused ............................................. default
1
Paused
Offset 9D-9C – Soft Timer 0 (0000h)............................... RW
7-0
Soft Timer 0 Count Value
........................default = 0
This field reports the count value of soft timer 0.
Offset 9F-9E – Soft Timer 1 (0000h) ............................... RW
7-0
Soft Timer 1 Count Value
........................default = 0
This field reports the count value of soft timer 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com