| Electronic Components Datasheet Search |
|
VT8235 Datasheet(PDF) 138 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT8235 Datasheet(HTML) 138 Page - VIA Technologies, Inc. |
|
138 / 145 page ![]() VT8235 V-Link South Bridge Revision 1.22 October 24, 2002 -132- Functional Descriptions UrpuytvrÃDp XrÃ8rp FUNCTIONAL DESCRIPTIONS Power Management Power Management Subsystem Overview The power management function of the VT8235 is indicated in the following block diagram: THRM# Power Plane and System Control GP0 (Global Standby) Timer PWRBTN# RI# SMI Arbiter Sleep/Wake State Machine SMI# SCI# - Legacy Only Event Logic - ACPI / Legacy Event Logic - ACPI Only Event Logic - SMI Events - SCI/SMI Events Dec 0 1 CPU STPCLK# and ClkGen Control GP1 (Device Idle) Timer User Interface Hardware Events RTC SCI_EN - ACPI / Legacy Generic Control Features - ACPI / Legacy Fixed Control Features - Wake-up Events PM Timer SCI Arbiter Bus Master SLPBTN# Primary Events USB resume LID GPIO Hardware Monitoring Figure 3. Power Management Subsystem Block Diagram Refer to ACPI Specification v1.0 and APM specification v1.2 for additional information. Processor Bus States The VT8235 supports the complete set of C0 to C3 processor states as specified in the Advanced Configuration and Power Interface (ACPI) specification (and defined in ACPI I/O space Registers 10-15): C0: Normal Operation C1: CPU Halt (controlled by software). C2: Stop Clock. Entered when the Processor Level 2 register (PMIO Rx14) is read. The STPCLK# signal is asserted to put the processor in the Stop Grant State. The CPUSTP# signal is not asserted so that host clocks remain running. To exit this state, the chip negates STPCLK#. C3: Suspend. Entered when the Processor Level 3 register (PMIO Rx15) is read. In addition to STPCLK# assertion as in the C2 state, the SUSST1# (suspend status 1) signal is asserted to tell the north bridge to switch to “Suspend DRAM Refresh” mode based on the 32KHz suspend clock (SUSCLK) provided by the VT8235. If the Host Stop bit is enabled, then CPUSTP# is also asserted to stop clock generation and put the CPU into Stop Clock State. To exit this state, the chip negates CPUSTP# and allows time for the processor PLL to lock. Then the SUSST1# and STPCLK# signals are negated to resume to normal operation. During normal operation, two mechanisms are provided to modulate CPU execution and control power consumption by throttling the duty cycle of STPCLK#: a. Setting the Throttle Enable bit to 1, the duty cycle defined in Throttle Duty Cycle (PMIO Rx10) is used. b. THRM# pin assertion enables automatic clock throttling with duty cycle pre-configured in THRM# Duty Cycle (PCI configuration Rx4C). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |