| Electronic Components Datasheet Search |
|
VT8235 Datasheet(PDF) 140 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT8235 Datasheet(HTML) 140 Page - VIA Technologies, Inc. |
|
140 / 145 page ![]() VT8235 V-Link South Bridge Revision 1.22 October 24, 2002 -134- Functional Descriptions UrpuytvrÃDp XrÃ8rp Power Management Events Three types of power management events are supported: 1) ACPI-required Fixed Events defined in the PM1a Status and PM1a Enable registers. These events can trigger either SCI or SMI depending on the SCI Enable bit: • PWRBTN# Triggering • RTC Alarm • Sleep Button • ACPI Power Management Timer Carry (always SCI) • BIOS Release (always SCI) 2) ACPI-aware General Purpose Function Events defined in the GP Status and GP SCI Enable, and GP SMI Enable registers. These events can trigger either SCI or SMI depending on the setting of individual SMI and SCI enable bits: • External SMI triggering • USB Resume • Ring Indicator (RI#) • Battery Low Detect (BATLOW#) • Notebook Lid Open/Close Detect (LID) • Thermal Detect (THRM#) 3) Generic Global Events defined in the Global Status and Global Enable registers. These registers are mainly used for SMI: • PCI Bus Clock Run Resume • Primary Interrupt Occurance • GP0 and GP1 Timer Time Out • Secondary Event Timer Time Out • Occurrence of Primary Events (defined in the Primary Activity Status and Primary Activity Enable registers) • Legacy USB accesses (keyboard and mouse) - Software SMI System and Processor Resume Events Depending on the system suspend state, different features can be enabled to resume the system. There are two classes of resume events: a) VSUS-based events. Event logic resides in the VSUS plane and thus can resume the system from any suspend state. Such events include PWRBTN#, RI#, BATLOW#, LID, SMBus resume event, RTC alarm, EXTSMI#, and GP1 (EXTSMI1#). b) VCC-Based Events. Event logic resides in the VCC plane and thus can only resume the system from the POS state. Such events include the ACPI PM timer, USB resume, and EXTSMIn#. Figure 4. System Block Diagram Using the VT8754 North Bridge HCLK GCLK Host CPU CPU Bus CKE# Memory Bus SMBus LPC VT8754 North Bridge (P4X333 Chipset) DDR SDRAM 3D Graphics Controller AGP Bus PCISTP# GPIO and ACPI Events BIOS ROM GCKRUN# PCI Bus IDE USB 2 Power Plane & Peripheral Control VT8235 South Bridge Keyboard / Mouse CPUSTP# Clock Generator MCLK HCLK GCLK PCLK SMI# / STPCLK# SUSCLK, SUSST1# SMIACT# Module ID PHY MII 10 / 100BaseT Lan AC97 V-Link Interface PCKRUN# Â PCLK |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |