Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 143 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 143 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. VT8235 Datasheet HTML 140Page - VIA Technologies, Inc. VT8235 Datasheet HTML 141Page - VIA Technologies, Inc. VT8235 Datasheet HTML 142Page - VIA Technologies, Inc. VT8235 Datasheet HTML 143Page - VIA Technologies, Inc. VT8235 Datasheet HTML 144Page - VIA Technologies, Inc. VT8235 Datasheet HTML 145Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 143 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-137-
Electrical Specifications
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Register Bits Powered by VBAT
Register
Description
RTC Rx0D[7]
VBAT Voltage OK
F0 Rx96[3:0]
CPU Frequency Strapping Value
PMIO Rx20[0]
GPI0 Status
PMIO Rx20[6]
INTRUDER# Status
PMIO Rx22[2]
Enable SCI on KBC PME Asserted
Register Bits Powered by VSUS25
Register
Description
F0 Rx81[2]
RTC Enable Gated During Soft Off
F0 Rx94[7:0]
Power Well Control Register
F0 Rx95[3:0]
Misc Power Well Control Register
PMIO Rx00[15,11,10,8]
Wake, Abnormal PowerOff, RTC Alarm, and
Power Button Status bits
PMIO Rx02[10,8]
RTC Alarm and Power Button Enables
PMIO Rx04[12:10]
Sleep Type
PMIO Rx20[13,11,9:8,5:2]
AC97 Wakeup, LID, USB Resume, Ring, PME#,
EXTSMI#, LAN PME, and KBC PME Status bits
PMIO Rx22[13,11,8,6:3,1:0]
SCI on corresponding bits of PMIO Rx20
PMIO Rx24[13,11,8,6:3,1:0]
SMI on corresponding bits of PMIO Rx20
PMIO Rx2C[7,5,2]
LID polarity, Battery Low Resume Disable, Power
Button triggering select
PMIO Rx4C[4:0]
GPO 4:0 Output Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com