Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 145 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 145 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. VT8235 Datasheet HTML 140Page - VIA Technologies, Inc. VT8235 Datasheet HTML 141Page - VIA Technologies, Inc. VT8235 Datasheet HTML 142Page - VIA Technologies, Inc. VT8235 Datasheet HTML 143Page - VIA Technologies, Inc. VT8235 Datasheet HTML 144Page - VIA Technologies, Inc. VT8235 Datasheet HTML 145Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 145 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-139-
Package Mechanical Specifications
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
PACKAGE MECHANICAL SPECIFICATIONS
Figure 5. Mechanical Specifications – 487 Pin Ball Grid Array Package
487-Pin BGA
1.00
25.00
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
AB
AC
AD
AE
AF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27.00 ±0.20
B
A
0.20(4X)
1.17 REF
0.56 REF
C
SEATING PLANE
30º TYP
0.50 ±0.10
2.23 ±0.13
Ø 0.60 ±0.10 (487x)
Ø 0.10
Ø 0.25
C
CA
B
SS
S
S
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
AF
AE
AD
AC
AB
AA
Y
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
PIN #1
CORNER
Ø 1.00(3X) REF
27x27x2.23 mm
JEDEC Spec MO-151
24.00 REF
4.00*45º (4X)
0.15 C
VT8235
YYWWVV
TAIWAN
LLLLLLLLL
C M
Y = Date Code Year
W = Date Code Week
V = Chip Version
L = Lot Code
Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com