Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 142 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 142 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. VT8235 Datasheet HTML 140Page - VIA Technologies, Inc. VT8235 Datasheet HTML 141Page - VIA Technologies, Inc. VT8235 Datasheet HTML 142Page - VIA Technologies, Inc. VT8235 Datasheet HTML 143Page - VIA Technologies, Inc. VT8235 Datasheet HTML 144Page - VIA Technologies, Inc. VT8235 Datasheet HTML 145Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 142 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-136-
Electrical Specifications
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit Comment
TS
Storage Temperature
–55
125
ºC
TC
Case Operating Temperature
0
85
ºC
VCC
Core Voltage
–0.5
2.625
Volts
2.5V (VT8235L is 3.3V Core)
VSUS25
Suspend Voltage – 2.5V
–0.5
VCC + 0.3
Volts
2.5V
VSUSUSB
Suspend Voltage – USB
–0.5
VCC + 0.3
Volts
2.5V
VSUSMII
Suspend Voltage – LAN
–0.5
VCC + 0.3
Volts
2.5V
VCCVK
V-Link Voltage
–0.5
VCC + 0.3
Volts
2.5V
VCCPLL
PLL Voltage
–0.5
VCC + 0.3
Volts
2.5V
VCCUPLL
USB PLL Voltage
–0.5
VCC + 0.3
Volts
2.5V
VCCRAM
RAM Voltage
–0.5
VCC + 0.3
Volts
2.5V
VCC33
I/O Voltage
–0.5
3.6
Volts
3.3V
VSUS33
Suspend Voltage – 3.3V
–0.5
VCC33 + 0.3
Volts
3.3V
VCCUSB
USB Voltage
–0.5
VCC33 + 0.3
Volts
3.3V
VCCMII
LAN Voltage
–0.5
VCC33 + 0.3
Volts
3.3V
VBAT
Battery Voltage
VCC33 – 0.9
VCC33 + 0.3
Volts
3.3V
VVLVREF
Reference Voltage – V-Link
–0.5
VCCVK * 0.38
Volts
0.9V
VPDVREF
Reference Voltage – Primary IDE
–0.5
Volts
VSDVREF
Reference Voltage – Secondary IDE
–0.5
Volts
Input voltage (3.3V only inputs)
–0.5
VCC33 + 0.3
Volts
FERR#, USBCLK, PWRBTN#,
EXTSMI#, BATLOW#,
SMBCK1-2, SMBDT1-2
Note: Stress above the conditions listed may cause permanent damage to the device.
Functional operation of this device should be restricted to the conditions described under operating conditions.
DC Characteristics
TC = 0 - 85°C
VCC = VSUS25 = VSUSUSB = VSUSMII = VCCVK = VCCPLL = VCCUPLL = VCCRAM = 2.5V ±5%,
VCC33 = VSUS33 = VCCUSB = VCCMII = 3.3V ±5%, VBAT = 3.3V +0.3 / –0.9V, VPDVREF = VSDVREF = VVLVREF = 0.9V ±5%, GND = 0V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input low voltage
–0.5
0.8
V
VIH
Input high voltage
2.0
VCC33 + 0.3
V
VOL
Output low voltage
–
0.45
V
IOL = 4.0mA
VOH
Output high voltage
2.4
–
V
IOH = –1.0mA
IIL
Input leakage current
–
±10
uA
0 < VIN < VCC33
IOZ
Tristate leakage current
–
±20
uA
0.45 < VOUT < VCC33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com