Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 144 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 144 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. VT8235 Datasheet HTML 140Page - VIA Technologies, Inc. VT8235 Datasheet HTML 141Page - VIA Technologies, Inc. VT8235 Datasheet HTML 142Page - VIA Technologies, Inc. VT8235 Datasheet HTML 143Page - VIA Technologies, Inc. VT8235 Datasheet HTML 144Page - VIA Technologies, Inc. VT8235 Datasheet HTML 145Page - VIA Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 144 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-138-
Electrical Specifications
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Power Requirements
TC = 0 - 85°C
VCC = VSUS25 = VSUSUSB = VSUSMII = VCCVK = VCCPLL = VCCUPLL = VCCRAM = 2.5V ±5%,
VCC33 = VSUS33 = VCCUSB = VCCMII = 3.3V ±5%, VBAT = 3.3V +0.3 / –0.9V, VPDVREF = VSDVREF = VVLVREF = 0.9V ±5%, GND = 0V
Symbol
Parameter
Typ
Max
Unit
Condition
ICC
Power Supply Current – Core (3.3V)
mA
At max operating frequency
ICC33
Power Supply Current – I/O (3.3V)
mA
At max operating frequency
ISUS33
Power Supply Current – Suspend (3.3V)
mA
At max operating frequency
ISUS25
Power Supply Current – Suspend (2.5V)
mA
At max operating frequency
ISUSUSB
Power Supply Current – Suspend USB (2.5V)
mA
At max operating frequency
ISUSMII
Power Supply Current – Suspend LAN (2.5V)
mA
At max operating frequency
ICCUSB
Power Supply Current – USB (3.3V)
mA
At max operating frequency
ICCUPLL
Power Supply Current – USB PLL (2.5V)
mA
At max operating frequency
ICCPLL
Power Supply Current – PLL (2.5V)
mA
At max operating frequency
ICCVK
Power Supply Current – V-Link (2.5V)
mA
At max operating frequency
ICCMII
Power Supply Current – LAN (3.3V)
mA
At max operating frequency
ICCRAM
Power Supply Current – RAM (2.5V)
mA
At max operating frequency
IVLVREF
Power Supply Current – V-Link Reference (0.9V)
uA
At max operating frequency
IPDVREF
Power Supply Current – Primary IDE Reference
uA
At max operating frequency
ISDVREF
Power Supply Current – Secondary IDE Reference
uA
At max operating frequency
IBAT
Power Supply Current – RTC Battery (3.3V)
5
uA
At max operating frequency
PD
Power Dissipation
2.5
W
At max operating frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com