Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 134 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 134 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. VT8235 Datasheet HTML 134Page - VIA Technologies, Inc. VT8235 Datasheet HTML 135Page - VIA Technologies, Inc. VT8235 Datasheet HTML 136Page - VIA Technologies, Inc. VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-128-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 80 – Miscellaneous 1 (00h).....................................RW
7-4
Reserved
........................................ always reads 0
3
Full Duplex Flow Control
0
Disable .................................................. default
1
Enable
2
Half Duplex Flow Control
0
Disable .................................................. default
1
Enable
1
Soft Timer 0 Status / Start
0
Timer Counting ..................................... default
(write 0 after time out to start timer counting)
1
Timer Timed Out
0
Soft Timer 0 Enable
0
Disable .................................................. default
1
Enable timer to count
Offset 81 – Miscellaneous 2 (00h).....................................RW
7
Reserved
........................................ always reads 0
6
Force Software Reset
Setting this bit resets the MAC. This bit functions
differently from Rx09[7] in that when Rx09[7] is set,
the MAC will reset only after all state machines are
in idle mode (all on-going transactions have been
completed). When this bit is set, the MAC will be
reset regardless of the status of the state machines.
This bit is used when Rx09[7] cannot force a reset
due to issues with the state machines.
0
Normal .................................................. default
1
Force Reset
5
Reserved (Do Not Program)
.................... default = 0
4-1
Reserved
........................................ always reads 0
0
Soft Timer 1 Enable
0
Disable .................................................. default
1
Enable timer to count
Offset 83 – Sticky Hardware Control (00h).................... RW
7
Legacy WOL Status (for software reference) ... RO
This bit reports whether legacy WOL is supported.
The value is usually derived from a jumper switch.
0
Disable ................................................... default
1
Enable
6-4
Reserved
........................................always reads 0
3
Legacy WOL Status ............................................ RO
This bit is set when there is a legacy WOL event.
0
No legacy WOL event occurred ............ default
1
Legacy WOL event occurred
2
Legacy WOL Enable
This bit controls whether legacy WOL is a wake
event.
0
Disable (if a wake event is detected (bit-3 = 1),
PME# will not be asserted).................... default
1
Enable (if a wake event is detected (bit-3 = 1),
PME# will be asserted)
1-0
Sticky DS Shadow
This field reports the current power management
state of the device.
00 D0 State ................................................. default
01 D1 State
10 D2 State
11 D3 State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com