Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 135 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 135 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. VT8235 Datasheet HTML 134Page - VIA Technologies, Inc. VT8235 Datasheet HTML 135Page - VIA Technologies, Inc. VT8235 Datasheet HTML 136Page - VIA Technologies, Inc. VT8235 Datasheet HTML 137Page - VIA Technologies, Inc. VT8235 Datasheet HTML 138Page - VIA Technologies, Inc. VT8235 Datasheet HTML 139Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-129-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 84 – MII Interrupt Status (00h) .........................RWC
The bits in this register correspond to bits in the MII Interrupt
Mask register (Rx86).
An interrupt is generated when
corresponding bits in both registers equal one.
7-4
Reserved (Do Not Program)
.................... default = 0
3
Transmit Data Write Buffer Queue Race
.... def = 0
Set when write back race for transmit occurs. Write
back race occurs when a new write back is generated
with 2 write backs already queued.
2
Reserved
........................................ always reads 0
1
Soft Timer 1 Timeout
............................... default = 0
0
Soft Timer 0 Timeout
............................... default = 0
All bits above: write 0 to clear the interrupt
Offset 86 – MII Interrupt Mask (00h) .............................RW
The bits in this register correspond to bits in the MII Interrupt
Status register (Rx84).
An interrupt is generated when
corresponding bits in both registers equal one.
7-4
Reserved (Do Not Program)
.................... default = 0
3
Transmit Shutdown Interrupt Mask
2
Reserved
........................................ always reads 0
1
Soft Timer 1 Interrupt Mask
0
Soft Timer 0 Interrupt Mask
All bits above:
0
Disable .................................................. default
1
Enable
Offset 8D-8C – Flash Address.......................................... RW
This register stores the address that is read from or written to
when reading or configuring the BootROM.
15-0 Flash Address [15:0]
.................................default = 0
Offset 8F – Flash Write Data Out ................................... RW
This register stores the data that is written to the BootROM.
7-0
Flash Write Data Out
...............................default = 0
Offset 90 – Flash Read / Write Command...................... RW
7-2
Reserved
........................................always reads 0
1
Boot ROM Embedded Write Command
......def = 0
Setting this bit initiates a write transaction (data in
Rx8F will be written to the address specified in
Rx8D-8C).
0
Boot ROM Embedded Read Command
.......def = 0
Setting this bit initiates a read transaction (data in the
address specified in Rx8D-8C will be read and stored
in Rx91).
Offset 91 – Flash Write Data In........................................ RO
This register stores the data that is read from the BootROM.
7-0
Flash Write Data In
..................................default = 0
Offset 93 – Flash Checksum (00h)................................... RW
This register stores the checksum from the BootROM after
programming.
7-0
EEPROM Checksum
...............................default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com