Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 129 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 129 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. VT8235 Datasheet HTML 133Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-123-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 23-20 – Receive Status (0000 0000h).....................RW
31
Descriptor Owner
0
Descriptor Owned By Host (NIC cannot
access descriptor)
1
Descriptor Owned by NIC (NIC can access
descriptor)
This bit has no default so must be set by the driver at
initialization.
30-27 Reserved
........................................ always reads 0
26-16 Received Packet Length
......................... RO, def = 0
15
Received Packet Successfully
................ RO, def = 0
14
Reserved
........................................ always reads 0
13
NIC Accepted Multicast Packet
............ RO, def = 0
12
NIC Accepted Broadcast Packet
........... RO, def = 0
11
NIC Accepted Physical Address PacketRO,
def = 0
10
Chain Buffer
................................................... def = 0
Set if packet too large to occupy a single receive
transcriptor.
9-8
Buffer Descriptor Start / End
............................. RO
For packets too large to fit into a single receive
descriptor and thus occupy multiple RD’s, this field
reports whether this RD is the start, middle or end.
00 Chain Buffer Middle Descriptor............ default
01 Chain Buffer End Descriptor
10 Chain Buffer Start Descriptor
11 Single Buffer Descriptor (packet accupies only
one descriptor)
7
Buffer Underflow Error
.................. RO, default = 0
6
System Error
.................................... RO, default = 0
5
Run Packet
(< 64 bytes) ................... RO, default = 0
4
Long Packet
(> 2500 bytes).............. RO, default = 0
3
FIFO Overflow Error
...................... RO, default = 0
2
Frame Alignment Error
.................. RO, default = 0
1
CRC Error
...................................... RO, default = 0
0
Receiver Error
.................................. RO, default = 0
Offset 27-24 – Rx Data Buffer Control (0000 0000h)..... RO
31-11 Reserved
........................................always reads 0
10-0 Rx Data Buffer Size
..................................default = 0
The receive data buffer size for this descriptor. The
total byte count of the entire frame will be stored in
the last descriptor.
Offset 2B-28 – Rx Data Buffer Start Address ................. RO
31-0 Rx Data Buffer Start Address
Offset 2F-2C – Rx Data Buffer Branch Address............. RO
31-0 Rx Data Buffer Branch Address
Note: Rx20-2F reflect values from the RD being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com