Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 128 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 128 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. VT8235 Datasheet HTML 129Page - VIA Technologies, Inc. VT8235 Datasheet HTML 130Page - VIA Technologies, Inc. VT8235 Datasheet HTML 131Page - VIA Technologies, Inc. VT8235 Datasheet HTML 132Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-122-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 0C – Interrupt Status 0 (00h) ................................RW
7
CRC or Miss Packet Tally Counter Overflow
Set if either counter overflows (both counters are 16
bits)
6
PCI Bus Error
Set if PCI bus error occurred.
5
Receive Buffer Link Error
Set when there is not enough buffer space for a
packet requiring multiple buffers.
4
Transmit Buffer Underflow
3
Transmit Error (Packet Transmit Aborted)
Set due to excessive collisions (more than 16),
transmit underflow, or transmit data linking error
2
Receive Error
Set due to CRC error, frame alignment error, FIFO
overflow, or received data linking error
1
Packet Transmitted Successfully
0
Packet Received Successfully
Offset 0D – Interrupt Status 1 (00h) ................................RW
7
General Purpose Interrupt
This bit is set when there is a general purpose
interrupt event (Rx84). This bit is set when any bit in
Rx84 equals one and when its corresponding mask
bit in Rx86 also equals one.
6
Port State Change (PHY)
5
Transmit Abort Due to Excessive Collisions
Set when there is a transmit error that is due to
excessive collisions.
Alternatively, Rx0C[3] is set
for all transmit errors.
4
Receive Buffer Full
Set when there is no more buffer space available in
system memory.
3
Receive Packet Race
Set when there is not enough room in the FIFO to
receive an additional packet.
2
Receive FIFO Overflow
1
Transmit FIFO Underflow
0
Early Receive Interrupt
Set if a packet is being received and Rx9[0] = 1.
Offset 0E – Interrupt Mask 0 (00h)................................. RW
Bits correspond to the bits in Interrupt Status Register 0. An
interrupt is generated when corresponding bits in both
registers equal 1.
Offset 0F – Interrupt Mask 1 (00h) ................................. RW
Bits correspond to the bits in Interrupt Status Register 1. An
interrupt is generated when corresponding bits in both
registers equal 1.
Offset 17-10 – Multicast Address..................................... RW
The value in this register determines which Multicast
addresses are received.
Offset 1B-18 – RX Address .............................................. RW
This register reports the receive transcriptor address that is
being accessed.
Offset 1F-1C – TX Address.............................................. RW
This register reports the transmit transcriptor address that is
being accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com