Electronic Components Datasheet Search
  English  ▼

X  

VT8235 Datasheet(PDF) 124 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 124 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 120Page - VIA Technologies, Inc. VT8235 Datasheet HTML 121Page - VIA Technologies, Inc. VT8235 Datasheet HTML 122Page - VIA Technologies, Inc. VT8235 Datasheet HTML 123Page - VIA Technologies, Inc. VT8235 Datasheet HTML 124Page - VIA Technologies, Inc. VT8235 Datasheet HTML 125Page - VIA Technologies, Inc. VT8235 Datasheet HTML 126Page - VIA Technologies, Inc. VT8235 Datasheet HTML 127Page - VIA Technologies, Inc. VT8235 Datasheet HTML 128Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-118-
Device 18 Function 0 LAN Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 18 Function 0 Registers - LAN
All registers are located in the Device 18 Function 0 PCI
configuration space of the VT8235. These registers are
accessed through PCI configuration mechanism #1 via I/O
address CF8 / CFC.
PCI Configuration Space Header
Offset 1-0 - Vendor ID = 1106h ........................................ RO
Offset 3-2 - Device ID = 3065h.......................................... RO
Offset 5-4 - Command.......................................................RW
15-3 Reserved
........................................ always reads 0
2
Bus Master
........................................ always reads 0
1
Memory Space
.................................... always reads 0
0
I/O Space
......................................RW, default = 0
Offset 7-6 – Status (0400h)................................................ RO
15
Detected Parity Error
........................ always reads 0
14
Signalled System Error
...................... always reads 0
13
Received Master Abort
...................... always reads 0
12
Received Target Abort
....................... always reads 0
11
Signalled Target Abort
...................... always reads 0
10-9 DEVSEL# Timing
......................... fixed at 10 (slow)
8
Data Parity Detected
.......................... always reads 0
7
Fast Back-to-Back Capable
............... always reads 0
6
UDF Support
...................................... always reads 1
5
66 MHz Capable
................................. always reads 1
4
Capabilities (e.g. PCI Pwr Mgmt)
.... always reads 1
3-0
Reserved
........................................ always reads 0
Offset 8 - Revision ID (40h) .............................................. RO
Offset 9 - Program Interface ............................................ RO
Offset A - Sub Class Code................................................. RO
Offset B - Class Code ........................................................ RO
Offset C – Cache Line Size ...............................................RW
This register must be implemented by master devices that can
generate the memory-write-and-invalidate command.
Offset D – Latency Timer .................................................RW
This register must be implemented as writable by any master
that can burst more than two data phases.
Offset E - Header Type (00h) ........................................... RO
Offset F - BIST (00h)......................................................... RO
Offset 13-10 – I/O Base Address (0000 0000h)................RW
Offset 17-14 – Memory Base Address (0000 0000h) .......RW
Offset 2B-28 – Card Bus CIS Pointer (0000 0000h) .......RW
Offset 33-30 – Expansion ROM Base (0000 0000h)........RW
Offset 34 – Capabilities Offset (40h) ................................ RO
7-0
Capabilities Offset
Offset into the LAN function PCI space pointing to
the location of the first item in the function’s
capability list.
Offset 3C - Interrupt Line................................................ RW
7-4
Reserved
........................................always reads 0
3-0
LAN Interrupt Routing
0000 Disabled ................................................. default
0001 IRQ1
0010 Reserved
0011 IRQ3
0100 IRQ4
0101 IRQ5
0110 IRQ6
0111 IRQ7
1000 IRQ8
1001 IRQ9
1010 IRQ10
1011 IRQ11
1100 IRQ12
1101 IRQ13
1110 IRQ14
1111 Disabled
APIC (See Device 17 Function 0 Rx4D[7])
x000 IRQ16
x001 IRQ17
x010 IRQ18
… …
x111 IRQ23
Offset 3D - Interrupt Pin (01h) ......................................... RO
7-0
Interrupt Routing Mode
00h Legacy mode interrupt routing
01h Native mode interrupt routing ............... default
LAN-Specific PCI Configuration Registers
Offset 40 – Capability ID (01h)......................................... RO
7-0
Capability ID
..................................always reads 01h
Identifies the linked list item as being PCI power
management registers
Offset 41 – Next Item Pointer (00h).................................. RO
7-0
Next Item Pointer
...........................always reads 00h
Offset into the LAN function PCI space pointing to
the location of the next item in the function’s
capability list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com