Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 31 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments TAS2120 Datasheet HTML 34Page - Texas Instruments TAS2120 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
VSUP (V)
BOP_TH
Brown
Out
LIM_TH_MAX
slope
LIM_INF_PT
Inflection
Point
Figure 6-7. Limiter with Inflection Point
To achieve a limiter that tracks the selected supply below a threshold, configure the limiter as explained in the
previous example, except program the LIM_TH_MIN[23:0] register to the desired minimum threshold. This is
shown in Figure 6-8 below.
VSUP (V)
BOP_TH
Brown
Out
LIM_TH_MAX
slope
LIM_INF_PT
Inflection
Point
LIM_TH_MIN
Figure 6-8. Limiter with Inflection Point and Minimum Threshold
The limiter has a configurable attack rate (dB/Sample), hold time ( no of samples) and release rate (db/Sample),
which are available via the LIM_ATK_RATE[23:0], LIM_HLD_COUNT[23:0], LIM_RLS_RATE[23:0] register bits.
6.4.2.5 Tone Generator
TAS2120 can generate internally a sine tone using an integrated tone generator. This feature can be enabled
by configuring the register bit INTERNAL_TONE_GEN_ENZ to low. The tone signal will start playing back on
the output by configuring the INTERNAL_TONE_PLAYBACK_EN bit high. When set high, the device will start
generating a sine tone based on the programmed TONE_GEN_CNTRL_xx registers. The tone generator can
generate any frequency from 16Hz to a maximum frequency of 0.45*Fs, where Fs is the sampling rate of the
input digital clocks. The amplitude of the tone signal can also be controlled using the TONE_GEN_CNTRL_xx
registers. It is recommended to program the tone frequency and amplitude using the PPC3 Software.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com