Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 29 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments TAS2120 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
LIMITER ATTACK/
RELEASE
Signal Level < Limiter threshold
BOP ATTACK/
RELEASE
LIM_MAX_ATN
ATTNUATION
APPLIED
BOP
ATTN
+
BOP ACTIVE PHASE (BOP_GAIN
0dB)
PAUSE LIMITER UPDATES
Supply Voltage < BOP threshold
Figure 6-4. Limiter and Brown out gain attenuation
6.4.2.4.1 Voltage Limiter and Clipping protection
The supply tracking limiter can be configured using LIM_MODE[1:0] register. In the VBAT voltage mode, the
limiter tracks the VBAT supply voltage for voltage limiter and in PVDD voltage mode, the limiter tracks the PVDD
voltage for external PVDD mode of use case.
Table 6-24. Limiter mode selection
LIM_MODE[1:0]
Configuration
00 (default)
Disabled
01
VBAT voltage based limiter
10
PVDD voltage based limiter
11
Reserved
The limiter can be configured to reduce the output signal based on fixed signal threshold level, or it can
attenuate signal based on a dynamic threshold which tracks the selected supply voltage. The register bit
SUPPLY_HEADROOM_LIM_MODE enables the dynamic supply tracking and can be used to limit the clipping
distortion when the supply voltage is varying in the system.
Table 6-25. Limiter dynamic supply headroom
tracking mode
SUPPLY_HEADROOM_LIM_MO
DE
Configuration
0(default)
Disabled
1
Enabled. Limiter threshold is
dynamically changed based as
a fixed percentage of monitored
supply voltage.
When SUPPLY_HEADROOM_LIM_MODE is set high, the limiter sets the threshold as a fixed percentage
of the monitored supply voltage. The limiter begins reducing gain when the output signal level is greater
than the threshold configured. For eg, if voltage limiting is desired to be 10% below the supply voltage, then
LIM_SLOPE[23:0] is configured as 0.9 and the threshold is calculated as monitored supply voltage multiplied by
1.1. Similarly if the LIM_SLOPE[23:0] is configured at > 1.0, the limiter threshold is set at higher than the supply
voltage, and a small amount of controlled clipping occurs.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com