Electronic Components Datasheet Search
  English  ▼

X  

TAS2120 Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments TAS2120 Datasheet HTML 29Page - Texas Instruments TAS2120 Datasheet HTML 30Page - Texas Instruments TAS2120 Datasheet HTML 31Page - Texas Instruments TAS2120 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
SAR
ADC
PVDD
Limiter
&
Brown
Out
Preven on
AUDIO_IN
AUDIO_OUT
SETTINGS
VBAT
VBAT_SNS
Figure 6-2. Limiter and Brown out protection module
The Brown Out Prevention (BOP) module provides a priority input to provide a fast response to transient
dips in the battery supply. The BOP feature can be enabled by configuring the register bit BOP_EN high.
The supply voltage that is tracked to determine Brown out conditions can be configured as VBAT /VBAT_SNS or
PVDD based on system configuration needs by using BOP_SRC register bit. When the selected supply dips
below the brown-out threshold configured by setting register BOP_THR_LVL[23:0], the BOP will begin reducing
gain. The rate of gain reduction (db/sample) can be configured by setting the BOP_ATK_RATE[23:0] registers .
When the VBAT supply rises above the brownout threshold, the BOP will begin to release the gain after the
programmed hold timer, BOP_HLD_COUNT[23:0]. The BOP feature uses the LIM_RLS_RATE[23:0] register
setting to release after a brown out event. The release rate is rate of gain increase in db/sample ratio. During a
BOP event the limiter updates will be paused. This is to prevent a limiter from releasing during a BOP event.
VBAT
BOP Thresh
BOP Active
BOP
Attacking
BOP
Holding
Limiter Releasing
(BOP Inactive)
BOP Inactive
BOP Inactive
BOP Mode
Figure 6-3. Brown Out Prevention Event
The device can be configured to hold the gain attenuation once a BOP event is detected by setting the
register bit BOP_INF_HLD high. When the bit is programmed high, the Limiter and BOP module does not
release the gain attenuation and holds the device in the programmed min gain attenuation level until the infinite
hold is cleared by setting the register bit BOP_HLD_CLR high. The hold clearing bit is self clearing and will
automatically reset to low state once the hold is cleared.
A hard brownout level can be set to shutdown the device if the BOP gain attenuation cannot mitigate the drop
in battery voltage. The brown out based shutdown of the device is enabled when BOPSD_EN bit is set high
and shuts down when the battery voltage falls below the voltage threshold set by BOSD_THR_LVL[23:0] register
bits.
A maximum level of attenuation applied by the limiters and brown out prevention feature is configurable via the
LIM_MAX_ATN register. This attenuation limit is shared between the features. For instance, if the maximum
attenuation is set to 6 dB and the limiters have reduced gain by 4 dB, the brown out prevention feature will only
be able to reduce the gain further by another 2 dB. If the limiter or brown out prevention feature is attacking and
it reaches the maximum attenuation, gain will not be reduced any further.
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com